Electronic Components Datasheet Search
  English  ▼

X  

LTC4217CDHC Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4217CDHC
Description  2A Integrated Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CDHC Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4217CDHC Datasheet HTML 10Page - Linear Technology LTC4217CDHC Datasheet HTML 11Page - Linear Technology LTC4217CDHC Datasheet HTML 12Page - Linear Technology LTC4217CDHC Datasheet HTML 13Page - Linear Technology LTC4217CDHC Datasheet HTML 14Page - Linear Technology LTC4217CDHC Datasheet HTML 15Page - Linear Technology LTC4217CDHC Datasheet HTML 16Page - Linear Technology LTC4217CDHC Datasheet HTML 17Page - Linear Technology LTC4217CDHC Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC4217
18
4217fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1209 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
24V, 1.5A Card Resident Application
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Supports –12V, SSOP-24
LTC1422
Single Channel, Hot Swap Controller
Operates from 2.7V to 12V, SO-8
LTC1642A
Single Channel, Hot Swap Controller
Operates from 3V to 16.5V, Overvoltage Protection Up to 33V, SSOP-16
LTC1645
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Power Sequencing, SO-8 or SO-14
LTC1647-1/LTC1647-2/
LTC1647-3
Dual Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, SO-8 or SSOP-16
LTC4210
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8 or MSOP-10
LTC4212
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Power-Up Timeout, MSOP-10
LTC4214
Negative Voltage, Hot Swap Controller
Operates from –6V to –16V, MSOP-10
LTC4215
Hot Swap Controller with I2C Compatible
Monitoring
Operates from 2.9V to 15V, 8-Bit ADC Monitors Current and Voltage
LTC4218
Single Channel, Hot Swap Controller
Operates from 2.9V to 26.5V, Adjustable Current Limit, SSOP-16
LT4220
Positive and Negative Voltage, Dual
Channels, Hot Swap Controller
Operates from ±2.7V to ±16.5V, SSOP-16
LTC4221
Dual Hot Swap Controller/Sequencer
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4230
Triple Channels, Hot Swap Controller
Operates from 1.7V to 16.5V, Multifunction Current Control, SSOP-20
158k
10k
200k
ADC
3.24k
10k
24V
VOUT
24V
1.5A
24V
20k
*
*DIODES INC. SMAJ24A
4217 TA02
10k
100μF
VDD
UV
OUT
FB
PG
GND
IMON
LTC4217FE
OV
INTVCC
TIMER
FLT
+
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com