Electronic Components Datasheet Search
  English  ▼

X  

LTC4151-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4151-2
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4151-2 Datasheet HTML 1Page - Linear Technology LTC4151-2 Datasheet HTML 2Page - Linear Technology LTC4151-2 Datasheet HTML 3Page - Linear Technology LTC4151-2 Datasheet HTML 4Page - Linear Technology LTC4151-2 Datasheet HTML 5Page - Linear Technology LTC4151-2 Datasheet HTML 6Page - Linear Technology LTC4151-2 Datasheet HTML 7Page - Linear Technology LTC4151-2 Datasheet HTML 8Page - Linear Technology LTC4151-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4151/LTC4151-1
5
41511fa
CODE
0
0
0.5
4096
–0.5
–1.0
1024
2048
3072
1.0
41511 G04
CODE
0
0
0.5
4096
–0.5
–1.0
1024
2048
3072
1.0
41511 G05
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
(Normal Mode)
Supply Current vs Supply Voltage
(Shutdown Mode)
ADC Total Unadjusted Error
vs Code (ADIN Voltage)
ADC INL vs Code (ADIN Voltage)
VIN = 12V, TA = 25°C, unless noted.
ADC DNL vs Code (ADIN Voltage)
SUPPLY VOLTAGE (V)
0
1.00
1.15
80
0.85
0.70
20
40
60
1.30
41511 G01
– 40°C
85°C
25°C
SUPPLY VOLTAGE (V)
0
200
300
80
100
0
20
40
60
400
41511 G02
– 40°C
85°C
25°C
CODE
0
0
0.05
4096
–0.05
–0.10
1024
2048
3072
0.10
41511 G03
ADC Total Unadjusted Error
vs Code (SENSE Voltage)
ADC DNL vs Code (SENSE Voltage)
ADC INL vs Code (SENSE Voltage)
CODE
0
0
1
4096
–1
–2
1024
2048
3072
2
41511 G08
CODE
0
0
0.5
4096
–0.5
–1.0
1024
2048
3072
1.0
41511 G06
CODE
0
0
1
4096
–1
–2
1024
2048
3072
2
41511 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com