Electronic Components Datasheet Search
  English  ▼

X  

BQ2018SN Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2018SN
Description  Power Minder IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018SN Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2018SN Datasheet HTML 9Page - Texas Instruments BQ2018SN Datasheet HTML 10Page - Texas Instruments BQ2018SN Datasheet HTML 11Page - Texas Instruments BQ2018SN Datasheet HTML 12Page - Texas Instruments BQ2018SN Datasheet HTML 13Page - Texas Instruments BQ2018SN Datasheet HTML 14Page - Texas Instruments BQ2018SN Datasheet HTML 15Page - Texas Instruments BQ2018SN Datasheet HTML 16Page - Texas Instruments BQ2018SN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
bq2018
Performance Characteristics (T
A =TOPR)
Symbol
Parameter
Typical
Maximum
Unit
Notes
VOS
Offset voltage
±500
µV
Voltage offset between SR1 and SR2
OSC
Timer accuracy
1.5
±3.0
%
VCC =3.5 - 3.9V (TA = 0–70°C)
INR
Integrated non-
repeatability error
0.5
1.0
%
Measured repeatability given similar
operating conditions
INL
Integrated
non-linearity
1.0
2.0
%
Add 0.05% per
°C above or below
25
°C and 0.5% per volt above or be-
low 3.7V.
Standard Serial Communication Timing Specification (T
A =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tCYCH
Cycle time, host to bq2018 (write)
190
-
-
µs
tCYCB
Cycle time, bq2018 to host (read)
190
205
250
µs
tSTRH
Start hold, host to bq2018 (write)
5
-
-
ns
tSTRB
Start hold, bq2018 to host (read)
32
-
-
µs
tDSU,B
Data setup
-
-
50
µs
tDH
Data hold
90
-
-
µs
tDV
Data valid
-
-
80
µs
tSSUB
Stop setup (bq2018 to host)
-
-
95
µs
tSSU
Stop setup (host to bq2018)
-
-
145
µs
tB
Break
190
-
-
µs
tBR
Break recovery
40
-
-
µs
tRSPS
Response time, bq2018 to host
190
-
320
µs
tRR
Read recovery
40
-
-
µs
Host read to next
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com