Electronic Components Datasheet Search
  English  ▼

X  

LTC3535 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 5 Page - Linear Technology

  LTC3535 Datasheet HTML 1Page - Linear Technology LTC3535 Datasheet HTML 2Page - Linear Technology LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3535
5
3535f
TYPICAL PERFORMANCE CHARACTERISTICS (Each Channel) T
A = 25°C, unless otherwise noted.
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
1.0
1.1
1.2
3535 G12
0.8
0.7
1.3
0.9
NORMALIZED TO 25°C
RDS(ON) vs VOUT
Oscillator Frequency Change
vs Temperature
RDS(ON) Change vs Temperature
VOUT (V)
1.5
0.50
0.45
0.80
0.85
0.90
2.5
3.5
4.0
3535 G10
0.35
0.70
0.60
0.40
0.75
0.30
0.65
0.55
2.0
3.0
4.5
5.0
PMOS
NMOS
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
4
6
8
3535 G11
0
–10
–8
–6
10
2
–2
–4
NORMALIZED TO 25°C
TEMPERATURE (°C)
–50
0.50
0.55
0.60
0.65
0.70
0.80
25
025
50
3526 G14
75
100
0.75
1mA LOAD
NO LOAD
VFB vs Temperature
Start-Up Voltage vs Temperature
Fixed Frequency Switching
Waveform and VOUT Ripple
Burst Mode Waveforms
VOUT and IIN During Soft-Start
Burst Mode Quiescent Current
vs VOUT
TEMPERATURE (°C)
–60
–1.00
–0.75
–0.50
–0.25
0
–20
20
60
100
3535 G13
0.25
0.50
–40
0
40
80
NORMALIZED TO 25°C
VOUT (V)
1.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
3.0
4.0
4.5
3535 G15
2.0
2.5
3.5
5.0
MEASURED ON VOUT
SW PIN
2V/DIV
500ns/DIV
VIN = 1.2V
VOUT = 3.3V AT 100mA
COUT = 10μF
3535 G16
VOUT
10mV/DIV
AC COUPLED
SW PIN
2V/DIV
INDUCTOR
CURRENT
0.2A/DIV
10μs/DIV
VIN = 1.2V
VOUT = 3.3V
COUT = 10μF
3535 G17
VOUT
20mV/DIV
AC COUPLED
SHDN PIN
1V/DIV
INPUT
CURRENT
0.2A/DIV
200μs/DIV
VOUT = 3.3V
COUT = 10μF
3535 G18
VOUT
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com