Electronic Components Datasheet Search
  English  ▼

X  

BQ2056T Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2056T
Description  Low-Dropout Li-Ion Charge-Control ICs with AutoComp??Charge-Rate Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2056T Datasheet(HTML) 1 Page - Texas Instruments

  BQ2056T Datasheet HTML 1Page - Texas Instruments BQ2056T Datasheet HTML 2Page - Texas Instruments BQ2056T Datasheet HTML 3Page - Texas Instruments BQ2056T Datasheet HTML 4Page - Texas Instruments BQ2056T Datasheet HTML 5Page - Texas Instruments BQ2056T Datasheet HTML 6Page - Texas Instruments BQ2056T Datasheet HTML 7Page - Texas Instruments BQ2056T Datasheet HTML 8Page - Texas Instruments BQ2056T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
➤ Significant reduction in charge
time with AutoComp charge-rate
compensation
➤ Ideal for low-dropout linear regu-
lator design
➤ 1-cell, 2-cell, and programmable
multicell versions
➤ Low-cost charger implementation
with minimum number of exter-
nal components
➤ Programmable current limit to
accommodate any battery size
➤ Interface to external trickle
charger for reviving deeply dis-
charged batteries
➤ High-accuracy charge control
➤ Sleep mode for low power con-
sumption
➤ Direct battery voltage sense
without
resistive
dividers
(bq2056 and bq2056T)
➤ Small 8-pin SOIC package
General Description
The bq2056 series ICs are low-cost
precision linear charge-control de-
vices for Li-Ion batteries. With a
minimum number of external compo-
nents, the bq2056 is a complete low-
dropout linear charger. The dropout
voltage is typically less than 0.5V
when the bq2056 is used with an ex-
ternal PNP transistor or P-channel
FET. Features include proprietary
automatic charge-rate compensation
(AutoComp) and a trickle-charger in-
terface output for reviving deeply
discharged cells. The bq2056 sup-
ports a single-cell 4.1V pack and the
2056T supports a two-cell 8.2V pack.
The bq2056V may be externally pro-
grammed for supporting other volt-
ages. All versions feature a sleep
mode for low-power applications.
bq2056/T/V
Pin Connections
Low-Dropout Li-Ion Charge-Control ICs with
AutoComp™ Charge-Rate Compensation
1
PN-205601.eps
8-Pin DIP or Narrow SOIC
2
3
4
8
7
6
5
INH
TRKL
VSS
COMP
VCC
CC
BAT
SNS
10/98 B
BDbq2056.eps
SNS
BAT
KCOMP
COMP
SNS
CC
TRKL
INH
VSS
+
+
+
2.0V
VREG
100mV
Functional Block Diagram
Pin Names
INH
Charge-inhibit input
TRKL
Trickle-charge
interface output
VSS
Ground
COMP
Charge-rate
compensation input
SNS
Current sense input
BAT
Battery voltage input
CC
Charge control
output
VCC
Supply input


Similar Part No. - BQ2056T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050 ETC-BQ2050 Datasheet
235Kb / 21P
Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI1-BQ2050 Datasheet
1Mb / 27P
Lithium Ion Power Gauge??IC
BQ2050 TI2-BQ2050 Datasheet
397Kb / 27P
Lithium Ion Power Gauge™ IC
23-May-2025
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
Low-Cost Lithium Ion Power Gauge IC
More results

Similar Description - BQ2056T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
Li-ion Battery Charge Controller IC
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
Charge Control IC for Li-Ion Batteries
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
8.4-V Li-Ion Battery Charge Controller
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
Li-ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com