Electronic Components Datasheet Search
  English  ▼

X  

MEW1024 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MEW1024
Description  2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1024 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MEW1024 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +75]
Low Ripple and Noise
Remote On/Off Control
Low Cost
4:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 80%
Key Features
2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
Minmax's MEW1000-Series power modules are low-profile dc-dc converters that operate over input voltage ranges of 9-36VDC and
18-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The MEW1000 series is an excellent selection for data communication equipments, mobile battery driven equipments, distributed power
systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral
systems and industrial robot systems.
The modules have a maximum power rating of 2W and a typical full-load efficiency of 80%, continuous short circuit, 30mV output ripple,
built-in filtering for both input and output minimize the need for external filtering.
Wide Range
4:1
Remote on/off
I/O Isolation
1500
VDC
Low Cost
$
Low Profile
Low Noise
Free-Air Convection
Cooling
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
%
95
---
Humidity
mW
2,500
---
Internal Power Dissipation
]
+105
-55
Storage Temperature
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+90
-40
Case
Operating Temperature
VDC
100
-0.7
48VDC Input Models
]
+75
-40
Ambient
Operating Temperature
VDC
50
-0.7
24VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MEW1000 Series
REV:3 2008/10/02
MINMAX
1


Similar Part No. - MEW1024

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MEW1024 MINMAX-MEW1024 Datasheet
655Kb / 4P
DC/DC CONVERTER 2W High Power Density in SIP-9 Package
logo
Total Power Internation...
MEW1024 TOTAL-POWER-MEW1024 Datasheet
552Kb / 4P
High Power Density in SIP-9 Package
More results

Similar Description - MEW1024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D200RW MPD-D200RW Datasheet
198Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com