Electronic Components Datasheet Search
  English  ▼

X  

MFU103 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MFU103
Description  1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFU103 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MFU103 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFU103 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFU103 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFU103 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFU103 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MFU103 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
79
4
53
1
67
15
MFU125
79
4
53
1.5
84
12
MFU124
76
5
54
2
110
9
MFU123
70
8
10
60
4
200
5
24
(21.6~26.4)
MFU122
79
4
106
1
67
15
MFU115
79
5
106
1.5
84
12
MFU114
77
5
107
2
110
9
MFU113
71
9
13
117
4
200
5
12
(10.8~13.2)
MFU112
78
6
257
1
67
15
MFU105
77
7
262
1.5
84
12
MFU104
76
8
260
2
110
9
MFU103
69
11
30
290
4
200
5
5
(4.5~5.5)
MFU102
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
uF
33
33
33
33
Maximum Capacitive Load
Unit
15V
12V
9V
5V
Models by Vout
Capacitive Load
100mA Slow - Blow Type
200mA Slow - Blow Type
500mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
200
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
150
100
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change of 10%
Line Regulation
%
{3.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
MFU100 Series
2
MINMAX
REV:4 2008/10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com