Electronic Components Datasheet Search
  English  ▼

X  

MFU113 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MFU113
Description  1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFU113 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MFU113 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Industry Standard Pinout
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +75]
Output 5, 9, 12 and 15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
3000VDC Isolation
Efficiency up to 79%
Key Features
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
Taking up as little as 0.16 square inches of board space, Minmax's MFU100 1W DC/DC's are specially designed to provide power distribution
applications where space is critical in an ultra-miniature DIP package.
The series consists of 12 models with input voltages of 5V, 12V and 24VDC which offers standard single output voltages of 5V, 9V, 12V, 15VDC.
The MFU100 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems,
portable test equipments, local power networks and battery backed systems.
I/O Isolation
3000
VDC
Low Cost
$
Low Profile
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
450
---
Internal Power Dissipation
%
95
---
Humidity
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-40
Storage Temperature
VDC
28
-0.7
24VDC Input Models
]
+90
-25
Case
Operating Temperature
VDC
15
-0.7
12VDC Input Models
]
+75
-40
Ambient
Operating Temperature
VDC
7
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MFU100 Series
REV:4 2008/10
MINMAX
1


Similar Part No. - MFU113

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFU113 MINMAX-MFU113 Datasheet
254Kb / 4P
DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MFU113 TOTAL-POWER-MFU113 Datasheet
381Kb / 4P
Miniature DIP-Package with Industry Standard Pinout
More results

Similar Description - MFU113

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
1W, Miniature SMD, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
High Isolation, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com