Electronic Components Datasheet Search
  English  ▼

X  

MSDM-35 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # MSDM-35
Description  MSDM Series FAST / TTL Buffered Triple Independent Delays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

MSDM-35 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  MSDM-35 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
MSDM 9901
MSDM Series FAST / TTL Buffered Triple Independent Delays
P/N Description
MSDM - XXX X
Buffered Triple Delays:
14-pin Com'l: MSDM
14-pin MIL: MSDM3
Total Delay in nanoseconds (ns)
Temp. Range
Blank = Commercial
M = Mil-Grade
Examples: MSDM-25 =
25ns (25ns per Line)
74F, 14-Pin Thru-hole
MSDM3-50M = 50ns (50ns per Line)
74F, 14-Pin, Mil-Grade
OPERATING SPECIFICATIONS
V
CC Supply Voltage ................................... 5.00 ± 0.25 VDC
I
CC
Supply Current .......................... 45 mA typ, 95 mA max.
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ...............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ...........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ................................ 0.50 V max.
P
WI
Input Pulse Width ........................... 100% of Delay min.
Operating Temperature Range ........................... 0O to 70OC
Storage Temperature Range ..................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................ 5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period .......................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Electrical Specifications at 25OC
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with Unused Leads Removed
as per Schematic.
(For Mil-Grade MSDM3 the Height is 0.335")
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.200
(5.08)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
MIL-GRADE: MSDM3 Military Grade delay lines use inte-
grated circuits screened to MIL-STD-883B with an operating
temperature range of -55 to +125OC. These devices have a
package height of .335"
Auto-Insertable DIP and Surface Mount Versions:
Refer to FAI3D Series, same 14-pin footprint.
For space saving, refer to FAM3D 8-pin Series
Delay
Tolerance
(ns)
14 Pin DIL TTL Buffered
Triple Independent Delays
Commercial
Part Number
MIL-Grade
Part Number
5 ± 1.00
MSDM-5
MSDM3-5M
6 ± 1.00
MSDM-6
MSDM3-6M
7 ± 1.00
MSDM-7
MSDM3-7M
8 ± 1.00
MSDM-8
MSDM3-8M
9 ± 1.00
MSDM-9
MSDM3-9M
10 ± 1.50
MSDM-10
MSDM3-10M
15 ± 2.00
MSDM-15
MSDM3-15M
20 ± 2.00
MSDM-20
MSDM3-20M
25 ± 2.00
MSDM-25
MSDM3-25M
30 ± 2.00
MSDM-30
MSDM3-30M
35 ± 2.00
MSDM-35
MSDM3-35M
40 ± 2.00
MSDM-40
MSDM3-40M
45 ± 2.25
MSDM-45
MSDM3-45M
50 ± 2.50
MSDM-50
MSDM3-50M
60 ± 3.00
MSDM-60
MSDM3-60M
70 ± 3.50
MSDM-70
MSDM3-70M
75 ± 3.75
MSDM-75
MSDM3-75M
80 ± 4.00
MSDM-80
MSDM3-80M
90 ± 4.50
MSDM-90
MSDM3-90M
100 ± 5.0
MSDM-100
MSDM3-100M
14-Pin Package Commercial
and Mil-Grade Versions
FAST/TTL Logic Buffered
3 Independent Equal Delay Lines
*** Unique Delays Per Line are Available ***
Operating Temperature Ranges
0OC to +70OC, or -55OC to +125OC
8-pin DIP/SMD Versions: FAM3D Series
14-pin DIP/SMD Versions: FAI3D Series
MSDM 14-Pin Schematic
1
3
7
8
10
12
Vcc
14
IN 1
IN 2
IN 3
GND
5
OUT1
OUT2
OUT3


Similar Part No. - MSDM-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSDM100 ETC2-MSDM100 Datasheet
154Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MSDM100-08 ETC2-MSDM100-08 Datasheet
154Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MSDM100-12 ETC2-MSDM100-12 Datasheet
154Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MSDM100-16 ETC2-MSDM100-16 Datasheet
154Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MSDM100-18 ETC2-MSDM100-18 Datasheet
154Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results

Similar Description - MSDM-35

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
AI3D-5 RHOMBUS-IND-AI3D-5 Datasheet
32Kb / 1P
AI3D Series FAST / TTL Buffered Triple Independent Delays
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
FAST / TTL Buffered 5-Tap Delay Modules
FAI3D-4 RHOMBUS-IND-FAI3D-4 Datasheet
31Kb / 1P
FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI4D-M01 RHOMBUS-IND-FAI4D-M01 Datasheet
34Kb / 1P
FAST / TTL Logic Buffered Triple & Quad Delays Modules
FAMDL-4 RHOMBUS-IND-FAMDL-4 Datasheet
45Kb / 1P
Logic Buffered Single - Dual - Triple Independent Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSDM-5 RHOMBUS-IND-FSDM-5 Datasheet
31Kb / 1P
FSDM Series FAST / TTL Buffered Single Output Delay Lines
MECH2B-3 RHOMBUS-IND-MECH2B-3 Datasheet
22Kb / 1P
MECH2B Series 10KH ECL Logic Buffered Dual Independent Delays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com