Electronic Components Datasheet Search
  English  ▼

X  

MPW2133 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MPW2133
Description  20W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2133 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MPW2133 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW2133 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
87
{18
481
{40
{670
{15
MPW2147
87
{15
480
{50
{835
{12
MPW2146
87
18
481
80
1340
15
MPW2144
87
15
480
100
1670
12
MPW2143
83
6.8
502
240
4000
5
MPW2142
80
3.9
25
10
344
240
4000
3.3
48
( 18 ~ 75 )
MPW2141
87
{18
962
{40
{670
{15
MPW2137
87
{15
960
{50
{835
{12
MPW2136
87
18
962
80
1340
15
MPW2134
87
15
960
100
1670
12
MPW2133
83
6.8
1004
240
4000
5
MPW2132
80
3.9
50
20
688
240
4000
3.3
24
( 10 ~ 40 )
MPW2131
% (Typ.)
VDC
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Over
Voltage
Protection
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
330
330
500
500
5000
5000
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
3000mA Slow - Blow Type
5000mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Pi Filter
Input Filter
mW
4500
---
---
Short Circuit Input Power
A
2
---
---
All Models
Reverse Polarity Input Current
17
16.5
16
48V Input Models
9.5
9.3
9
24V Input Models
Under Voltage Shutdown
18
17.5
17
48V Input Models
VDC
10
9.7
9.4
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MPW2100 Series
2
MINMAX
REV:4 2009/02/27



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com