Electronic Components Datasheet Search
  English  ▼

X  

MSLU100 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MSLU100
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU100 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MSLU100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU100 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MSLU100 Series
6
MINMAX
REV:10 2008/10
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com