Electronic Components Datasheet Search
  English  ▼

X  

MSLU105 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MSLU105
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU105 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MSLU105 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU105 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NA: Not Available for Electrical Connection
UL94V-0
:
Flammability
NA
10
2.0g (Dual Output)
No Pin
9
1.7g (Single Output)
:
Weight
No Pin
NA
8
+Vout
No Pin
7
Non-Conductive Black Plastic
:
Case Material
No Pin
No Pin
6
-Vout
+Vout
5
0.64*0.31*0.26 inches
Common
-Vout
4
16.24*8.0*6.7 mm
:
Case Size
(Dual)
No Pin
No Pin
3
+Vin
+Vin
2
0.54*0.31*0.26 inches
-Vin
-Vin
1
13.7*8.0*6.7mm
:
Case Size
(Single)
Dual
Singles
Pin
Physical Characteristics
Pin Connections
MSLU100 Series
8
MINMAX
REV:10 2008/10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com