Electronic Components Datasheet Search
  English  ▼

X  

MSLU325 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MSLU325
Description  1W, High Isolation SMD, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU325 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MSLU325 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU325 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU325 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU325 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU325 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU325 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2.54mm
1.0mm Min.
5.08mm
1.9mm
12
3
5
6
12
11
10
8
7
2.54
[0.100]
5.08
[0.200]
( Magnification of A )
1.5 0.1
[0.06 0.004]
5.5
[0.22]
11.0 0.2
[0.43 0.008]
1.5 0.1
[0.06 0.004]
0.6 [0.02]
15.6 [0.61]
15.9 [0.63]
5.5
[0.22]
1.8
[0.07]
2.54
[0.100]
2.54
[0.100]
16.3
[0.64]
{
{
{
{
{
{
Top View ( 2.54 mm / 0.1 inch grids )
Connecting Pin Patterns
Mechanical Dimensions
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
NA : Not Available for Electrical Connection
NA
NA
12
NA
NA
11
NA
NA
10
UL94V-0
:
Flammability
+Vout
+Vout
8
NA
NA
7
2g
:
Weight
-Vout
NA
6
Common
-Vout
5
Non-Conductive Black Plastic
:
Case Material
NA
NA
3
+Vin
+Vin
2
0.64*0.31*0.30 inches
-Vin
-Vin
1
16.3*8.0*7.67 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
MSLU300 Series
6
MINMAX
REV:5 2009/01/20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com