Electronic Components Datasheet Search
  English  ▼

X  

BQ2201SN Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2201SN
Description  SRAM Nonvolatile Controller Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2201SN Datasheet(HTML) 4 Page - Texas Instruments

  BQ2201SN Datasheet HTML 1Page - Texas Instruments BQ2201SN Datasheet HTML 2Page - Texas Instruments BQ2201SN Datasheet HTML 3Page - Texas Instruments BQ2201SN Datasheet HTML 4Page - Texas Instruments BQ2201SN Datasheet HTML 5Page - Texas Instruments BQ2201SN Datasheet HTML 6Page - Texas Instruments BQ2201SN Datasheet HTML 7Page - Texas Instruments BQ2201SN Datasheet HTML 8Page - Texas Instruments BQ2201SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DC Electrical Characteristics (TA =TOPR,VCC = 5V ± 10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0mA
VOHB
VOH, BC supply
VBC - 0.3
-
-
V
VBC >VCC,IOH = -10
µA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0mA
ICC
Operating supply current
-
3
5
mA
No load on VOUT and CECON.
VPFD
Power-fail detect voltage
4.55
4.62
4.75
V
THS = VSS
4.30
4.37
4.50
V
THS = VCC
VSO
Supply switch-over voltage
-
VBC
-V
ICCDR
Data-retention mode
current
-
-
100
nA
VOUT data-retention current
to additional memory not in-
cluded.
VOUT1
VOUT voltage
VCC - 0.2
-
-
V
VCC >VBC,IOUT = 100mA
VCC - 0.3
-
-
V
VCC >VBC,IOUT = 160mA
VOUT2
VOUT voltage
VBC - 0.3
-
-
V
VCC <VBC,IOUT = 100
µA
VBC
Active backup cell
voltage
-VBC2
-V
VBC1 < 2.5V
-VBC1
-V
VBC1 > 2.5V
IOUT1
VOUT current
-
-
160
mA
VOUT >VCC - 0.3V
IOUT2
VOUT current
-
100
-
µAVOUT >VBC - 0.2V
Note:
Typical values indicate operation at TA = 25°C, VCC = 5V or VBC.
Oct. 1998 D
bq2201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com