Electronic Components Datasheet Search
  English  ▼

X  

SL2T Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SL2T
Description  SIL2 Series Mini-SIP Passive Delay Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SL2T Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SL2T Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
SIL2-2T 2001-01
10
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) ................................... 5% to 10%, typical
Pulse Distortion (S) ..................................................... 3% typical
Working Voltage .............................................. 25 VDC maximum
Dielectric Strength ........................................... 100VDC minimum
Insulation Resistance ........................ 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C
) ....................................................... 0.35/
t
r
approx.
Operating Temperature Range ............................. -55O to +125OC
Storage Temperature Range ................................ -65O to +150OC
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
Tight Delay Tolerance
Standard Impedances: 50 to 200
Ω
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Dimensions in inches (mm)
Delay
(ns)
Rise
Time max.
(ns)
DCR
max.
(Ohms)
50 Ohm
Impedance
Part Number
55 Ohm
Impedance
Part Number
60 Ohm
Impedance
Part Number
75 Ohm
Impedance
Part Number
93 Ohm
Impedance
Part Number
100 Ohm
Impedance
Part Number
200 Ohm
Impedance
Part Number
0.0
−−
.10
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
1.0 ± .20
1.6
.20
SIL2-1-50
SIL2-1-55
SIL2-1-60
SIL2-1-75
SIL2-1-93
SIL2-1-10
SIL2-1-20
1.5 ± .20
1.6
.30
SIL2-1.5-50
SIL2-1.5-55
SIL2-1.5-60
SIL2-1.5-75
SIL2-1.5-93
SIL2-1.5-10
SIL2-1.5-20
2.0 ± .20
1.6
.40
SIL2-2-50
SIL2-2-55
SIL2-2-60
SIL2-2-75
SIL2-2-93
SIL2-2-10
SIL2-2-20
2.5 ± .20
1.6
.50
SIL2-2.5-50
SIL2-2.5-55
SIL2-2.5-60
SIL2-2.5-75
SIL2-2.5-93
SIL2-2.5-10
SIL2-2.5-20
3.0 ± .20
1.7
.60
SIL2-3-50
SIL2-3-55
SIL2-3-60
SIL2-3-75
SIL2-3-93
SIL2-3-10
SIL2-3-20
4.0 ± .20
1.7
.70
SIL2-4-50
SIL2-4-55
SIL2-4-60
SIL2-4-75
SIL2-4-93
SIL2-4-10
SIL2-4-20
5.0 ± .25
1.8
.80
SIL2-5-50
SIL2-5-55
SIL2-5-60
SIL2-5-75
SIL2-5-93
SIL2-5-10
SIL2-5-20
6.0 ± .30
2.0
.85
SIL2-6-50
SIL2-6-55
SIL2-6-60
SIL2-6-75
SIL2-6-93
SIL2-6-10
SIL2-6-20
7.0 ± .30
2.3
.90
SIL2-7-50
SIL2-7-55
SIL2-7-60
SIL2-7-75
SIL2-7-93
SIL2-7-10
SIL2-7-20
8.0 ± .30
2.7
.95
SIL2-8-50
SIL2-8-55
SIL2-8-60
SIL2-8-75
SIL2-8-93
SIL2-8-10
SIL2-8-20
9.0 ± .30
2.9
1.10
SIL2-9-50
SIL2-9-55
SIL2-9-60
SIL2-9-75
SIL2-9-93
SIL2-9-10
SIL2-9-20
10 ± .30
3.3
1.20
SIL2-10-50
SIL2-10-55
SIL2-10-60
SIL2-10-75
SIL2-10-93
SIL2-10-10
SIL2-10-20
11 ± .40
3.8
1.40
SIL2-11-50
SIL2-11-55
SIL2-11-60
SIL2-11-75
SIL2-11-93
SIL2-11-10
SIL2-11-20
12 ± .50
4.1
1.50
SIL2-12-50
SIL2-12-55
SIL2-12-60
SIL2-12-75
SIL2-12-93
SIL2-12-10
SIL2-12-20
13 ± .60
4.6
1.60
SIL2-13-50
SIL2-13-55
SIL2-13-60
SIL2-13-75
SIL2-13-93
SIL2-13-10
SIL2-13-20
14 ± .70
4.9
1.60
SIL2-14-50
SIL2-14-55
SIL2-14-60
SIL2-14-75
SIL2-14-93
SIL2-14-10
SIL2-14-20
15 ± .70
5.3
1.70
SIL2-15-50
SIL2-15-55
SIL2-15-60
SIL2-15-75
SIL2-15-93
SIL2-15-10
SIL2-15-20
16 ± .80
5.6
1.70
SIL2-16-50
SIL2-16-55
SIL2-16-60
SIL2-16-75
SIL2-16-93
SIL2-16-10
SIL2-16-20
20 ± 1.0
7.0
2.00
SIL2-20-50
SIL2-20-55
SIL2-20-60
SIL2-20-75
SIL2-20-93
SIL2-20-10
SIL2-20-20
Electrical Specifications at 25OC
1. Rise Times are measured from 20% to 80% points.
2. Delay Times measured at 50% points of leading edge.
3. Output terminated to ground through R
L=ZO
SIL2 Single Output Schematic
1
COM
3
OUT
2
IN
.490
(12.45)
MAX.
.375
(9.53)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.120
(3.05)
MAX.
.060
(1.52)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
.200
(5.08)
.490
(12.45)
MAX.
.375
(9.53)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.120
(3.05)
MAX.
.060
(1.52)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
"
SL2T" Part Number
Examples:
SL2T2-50
2 ns (1ns Tap) 50
Ω
SL2T1.5-55
2.5 ns (1.25ns Tap) 55
Ω
SL2T12-10
12 ns (6ns Tap) 100
Ω
1
COM
3
Tap2
Tap1
4
2
IN
SL2T 2-tap Schematic
SIL2 Series Mini-SIP Passive Delay Modules
SIL2-1-55
0102
SL2T-10-20
0102


Similar Part No. - SL2T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
102Kb / 2P
surface mount molded current sense resistors
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
SL2TTE20L0D KOA-SL2TTE20L0D Datasheet
177Kb / 6P
Current Sensing Chip Resistors
SL2TTE20L0D KOA-SL2TTE20L0D Datasheet
284Kb / 2P
surface mount molded current sense resistors
SL2TTE20L0F KOA-SL2TTE20L0F Datasheet
177Kb / 6P
Current Sensing Chip Resistors
More results

Similar Description - SL2T

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
Mini SIP Passive Delay Lines
logo
Rhombus Industries Inc.
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
SP3 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
Mini SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com