Electronic Components Datasheet Search
  English  ▼

X  

BQ3285E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3285E
Description  Real-Time Clock RTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285E Datasheet(HTML) 1 Page - Texas Instruments

  BQ3285E Datasheet HTML 1Page - Texas Instruments BQ3285E Datasheet HTML 2Page - Texas Instruments BQ3285E Datasheet HTML 3Page - Texas Instruments BQ3285E Datasheet HTML 4Page - Texas Instruments BQ3285E Datasheet HTML 5Page - Texas Instruments BQ3285E Datasheet HTML 6Page - Texas Instruments BQ3285E Datasheet HTML 7Page - Texas Instruments BQ3285E Datasheet HTML 8Page - Texas Instruments BQ3285E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® Functionally compatible with the
DS1285
- Closely matches MC146818A
pin configuration
® 2.7–3.6V operation (bq3285L);
4.5–5.5V operation (bq3285E)
® 242 bytes of general nonvolatile
storage
® 32.768kHz output for power man-
agement
® System wake-up capability—
alarm interrupt output active in
battery-backup mode
® Less than 0.5
µA load under bat-
tery operation
® Selectable Intel or Motorola bus
timing
® 14 bytes for clock/calendar and
control
® BCD or binary format for clock
and calendar data
® Calendar in day of the week, day
of the month, months, and years,
with automatic leap-year adjust-
ment
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122µs to
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® 24-pin plastic DIP, SOIC, or
SSOP
General Description
The CMOS bq3285E/L is a low-
power microprocessor peripheral
providing a time-of-day clock and
100-year calendar with alarm fea-
tures and battery operation. The
bq3285L supports 3V systems.
Other bq3285E/L features include
three maskable interrupt sources,
square-wave output, and 242 bytes
of general nonvolatile storage.
A 32.768kHz output is available for
sustaining power-management ac-
tivities. Wake-up capability is pro-
vided by an alarm interrupt, which
is active in battery-backup mode.
The bq3285E/L write-protects the
clock, calendar, and storage registers
during power failure.
A backup
battery then maintains data and oper-
ates the clock and calendar.
The bq3285E/L is a fully compatible
real-time clock for IBM AT-compatible
computers and other applications.
The only external components are a
32.768kHz crystal and a backup bat-
tery.
1
SLUS004A -DECEMBER 1993 - REVISED MAY 2004
bq3285E/L
Real-Time Clock (RTC)
AD0–AD7
Multiplexed address/
data input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request
output
RST
Reset input
SQW
Square wave output
EXTRAM
Extended RAM enable
RCL
RAM clear input
BC
3V backup cell input
X1–X2
Crystal inputs
VCC
Power supply
VSS
Ground
1
PN3285E1.eps
24-Pin DIP or SOIC/SSOP
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
EXTRAM
BC
INT
RST
DS
VSS
R/W
AS
CS
MOT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
RCL
Pin Connections
Pin Names


Similar Part No. - BQ3285E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285E TI1-BQ3285E Datasheet
1Mb / 36P
Real-Time Clock (RTC)
BQ3285E TI2-BQ3285E Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
BQ3285E/L TI2-BQ3285E/L Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285ECSS TI-BQ3285ECSS Datasheet
831Kb / 26P
Real-Time Clock (RTC)
More results

Similar Description - BQ3285E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
Real-Time Clock(RTC)
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com