Electronic Components Datasheet Search
  English  ▼

X  

AUMP-16HTX Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # AUMP-16HTX
Description  MICROWAVE ATTENUATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

AUMP-16HTX Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  AUMP-16HTX Datasheet HTML 1Page - Merrimac Industries, Inc. AUMP-16HTX Datasheet HTML 2Page - Merrimac Industries, Inc. AUMP-16HTX Datasheet HTML 3Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUMP-16HKX
AUMP-16H
AUM & AUMP-16H
MICROWAVE ATTENUATORS
7 to 11 GHz / 0 to 15 dB / Ferrite / Excellent Temperature Stability / MIL-E-5400 Class 3 / SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973 575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Knob lock and control knob are supplied by MERRIMAC.
4. Counter clockwise control knob rotation increases attenuation.
5. Call Merrimac for panel mount installation instructions.
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Counter clockwise shaft rotation increases attenuation.
4. Shaft lock mounting nut, shaft locking nut, flat washer and internal
tooth lockwasher are supplied by MERRIMAC.
5. Call Merrimac for panel mount installation instructions.
05Mar96



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com