Electronic Components Datasheet Search
  English  ▼

X  

BQ3285ECSS Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ3285ECSS
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSS Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ3285ECSS Datasheet HTML 2Page - Texas Instruments BQ3285ECSS Datasheet HTML 3Page - Texas Instruments BQ3285ECSS Datasheet HTML 4Page - Texas Instruments BQ3285ECSS Datasheet HTML 5Page - Texas Instruments BQ3285ECSS Datasheet HTML 6Page - Texas Instruments BQ3285ECSS Datasheet HTML 7Page - Texas Instruments BQ3285ECSS Datasheet HTML 8Page - Texas Instruments BQ3285ECSS Datasheet HTML 9Page - Texas Instruments BQ3285ECSS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
32kHz Output
The bq3285EC/LC provides for a 32.768kHz output. For
the bq3285EC, the output is always active whenever VCC
is valid (VPFD +tCSR). The bq3285EC output is not af-
fected by the bit settings in Register A. Time-keeping
aspects, however, still require setting OS0-OS2.
The
bq3285LC output is active when the oscillator is turned
on by setting the OSC0-OSC2 bits in Register A.
Interrupts
The bq3285EC/LC allows three individually selected in-
terrupt events to generate an interrupt request. These
three interrupt events are:
n
The periodic interrupt, programmable to occur once
every 122
µs to 500ms.
n
The alarm interrupt, programmable to occur once per
second to once per day, is active in battery-backup
mode, providing a “wake-up” feature.
n
The update-ended interrupt, which occurs at the end
of each update cycle.
Each of the three interrupt events is enabled by an indi-
vidual interrupt-enable bit in register B. When an event
occurs, its event flag bit in register C is set. If the corre-
sponding event enable bit is also set, then an interrupt
request is generated.
The interrupt request flag bit
(INTF) of register C is set with every interrupt request.
Reading register C clears all flag bits, including INTF,
and makes INT high-impedance.
Two methods can be used to process bq3285EC/LC in-
terrupt events:
n
Enable interrupt events and use the interrupt
request output to invoke an interrupt service routine.
n
Do not enable the interrupts and use a polling
routine to periodically check the status of the flag
bits.
The individual interrupt sources are described in detail
in the following sections.
6
bq3285EC/LC
Register A Bits
Periodic Interrupt
OSC2
OSC1
OSC0
RS3
RS2
RS1
RS0
Period
Units
010000
0
None
010000
1
3.90625
ms
010001
0
7.8125
ms
010001
1
122.070
µs
010010
0
244.141
µs
010010
1
488.281
µs
010011
0
976.5625
µs
010011
1
1.95315
ms
010100
0
3.90625
ms
010100
1
7.8125
ms
010101
0
15.625
ms
010101
1
31.25
ms
010110
0
62.5
ms
010110
1
125
ms
010111
0
250
ms
010111
1
500
ms
011
X
X
X
X
same as above defined
by RS3–RS0
Table 3. Periodic Interrupt Rate
July 1996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com