Electronic Components Datasheet Search
  English  ▼

X  

BQ3285LCSS Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ3285LCSS
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LCSS Datasheet(HTML) 4 Page - Texas Instruments

  BQ3285LCSS Datasheet HTML 1Page - Texas Instruments BQ3285LCSS Datasheet HTML 2Page - Texas Instruments BQ3285LCSS Datasheet HTML 3Page - Texas Instruments BQ3285LCSS Datasheet HTML 4Page - Texas Instruments BQ3285LCSS Datasheet HTML 5Page - Texas Instruments BQ3285LCSS Datasheet HTML 6Page - Texas Instruments BQ3285LCSS Datasheet HTML 7Page - Texas Instruments BQ3285LCSS Datasheet HTML 8Page - Texas Instruments BQ3285LCSS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Functional Description
Address Map
The bq3285EC/LC provides 14 bytes of clock and con-
trol/status registers and 242 bytes of general nonvolatile
storage.
Figure 1 illustrates the address map for the
bq3285EC/LC.
Update Period
The update period for the bq3285EC/LC is one second.
The bq3285EC/LC updates the contents of the clock and
calendar locations during the update cycle at the end of
each update period (see Figure 2). The alarm flag bit
may also be set during the update cycle.
The bq3285EC/LC copies the local register updates into
the user buffer accessed by the host processor. When a 1
is written to the update transfer inhibit bit (UTI) in reg-
ister B, the user copy of the clock and calendar bytes re-
mains unchanged, while the local copy of the same bytes
continues to be updated every second.
The update-in-progress bit (UIP) in register A is set
tBUC time before the beginning of an update cycle (see
Figure 2). This bit is cleared and the update-complete
flag (UF) is set at the end of the update cycle.
4
Figure 1. Address Map
Figure 2. Update Period Timing and UIP
bq3285EC/LC
July 1996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com