Electronic Components Datasheet Search
  English  ▼

X  

WFDT Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFDT
Description  Waterfl ow Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFDT Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFDT Datasheet HTML 1Page - Systemsensor advanced ideas. WFDT Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0195-011 • 4/07 • #1676
T-Tap Waterflow Detector Specifications
Architectural/Engineering Specifications
Model shall be a WFDT or WFDTNR as manufactured by System Sensor. T-tap waterflow detectors shall be installed on a tee that has a 1˝ NPT branch including:
1˝, 1¼˝, 1½˝ or 2˝ threaded ferrous or brass tee; 1–2˝ copper sweat tees; Central, Spears,® and Victaulic® brand 1˝ CPVC tees; or 1½˝ polybutylene tee as designated
on the drawings and/or as specified herein. Detectors shall mount on any clear pipe span of the appropriate size, either a vertical or horizontal run at least 6˝ from
any fittings or valves which may change water direction, flow rate, or pipe diameter or no closer than 24˝ from a valve or drain. Detectors shall have a sensitivity
in the range of 4 to 10 gallons per minute and a static pressure rating of 250 psi. The retard t-tap detector shall be a sealed mechanical pneumatic unit with visual
indication of actuation. The actuation mechanism shall include a polyethylene vane inserted through the tee fitting and connected by a mechanical linkage to
the delay mechanism. The non-retard t-tap detector shall respond with no time delay to waterflow in the specified direction and range. Outputs shall consist of
dual SPDT switches (Form C contacts). Two conduit entrances (one of which is a knockout type) for standard fittings of commonly used electrical conduit shall be
provided on the detectors. A grounding provision is provided. All detectors shall be listed by Underwriters Laboratories for indoor or outdoor use.
Physical/Operating Specifications
Static Pressure Rating
250 PSI
Operating Temperature Range
32°F to 120°F (0°C to 49°C)
Maximum Surge
18 FPS
Enclosure Rating
UL indoor/outdoor rated
Triggering Threshold
Bandwidth (Flow Rate)
4–10 GPM
Cover Tamper Switch
UL models: optional P/N 546-7000
ULC/Canadian models: factory installed
Overall Dimensions,
Installed
WFDT: 4.5˝ H × 3.75˝ W × 6.7˝ L
(11.4cm H × 9.5cm W × 17cm L)
WFDTNR: 3.75˝ H × 3.25˝ W × 4.25˝ L
(9.5cm H × 8.2cm × W × 10.8cm L)
Service Use
Automatic Sprinkler: NFPA 13
One or Two Family Dwelling: NFPA 13D
Residential Occupancies up to 4 Stories: NFPA 13R
National Fire Alarm Code: NFPA 72
Contact Ratings
Two sets of SPDT (Form C)
10.0 A @ 125/250 VAC
2.5 A @ 24 VDC
Shipping Weight
WFDT: 2.6 lbs. (1.2 kg.)
WFDTNR: 1.5 lbs. (0.7 kg.)
Compatible Tee
Fittings
Threaded ferrous and brass tees, copper
sweat tees, CPVC tees, and polybutylene tees
Warranty
3 years
Conduit Entrances
Two openings for ½˝ conduit.
U.S. Patent Numbers
3,845,259; 4,782,333; 5,213,205
Delay
adjustment
dial
NOTE: Retard time may exceed 90 seconds.
Adjust and verify that time does not exceed 90 seconds.
45
TI
M
E
DE
LAY IN SECO
ND
S
M
BE
R
ON
DIAL IS APPR
OX
IM
A
Delay Adjustment Dial
WFDT/WFDTH
BB
COM
COM
WFDT/WFDTH
BB
COM
COM
Typical FACP Connection
To nonsilenceable
initiating zone
of listed FACP
end-of-line
resistor
B
COM
To power
source
compatible
with bell
local
bell
WFDT, WFDTH
switch assembly
Typical Local Bell Connection
Break wire as shown for supervision
of connection. DO NOT allow
stripped wire leads to extend beyond
switch housing. DO NOT loop wires.
NOTE:
Common and B connections
will close when vane is
deflected, i.e., when water is
flowing. Dual switches permit
applications to be combined
on a single detector.
CONTACT RATINGS
125/250 VAC
24 VDC
10 AMPS
2.5 AMPS
T16-0010-XXX
B
COM
A
CO
M
CO
M
SWITCH 1
SWITCH 2
•CAUTION•
ROUTE WIRING
AWAY FROM
SHARP EDGES
& COPONENTS
SWITCH SCHEMATIC
•READY• STATE
Electrical Connections for WFDT
Ordering Information
UL Model
ULC Model
Description
WFDT
WFDTA
Waterflow Detector, Fits 1˝, 1¼˝, 1½˝, 2˝ ferrous and brass threaded tees; 1˝, 1¼˝, 1½˝, 2˝ copper sweat
tees; 1˝ CPVC tees; and 1½˝ polybutylene tees
WFDTNR
WFDTNRA
Waterflow Detector, non-retard, fits same tees as Model WFDT
Accessories
Description
A77-01-02
Replacement terminal block for WFDT
A77-01-08
Replacement terminal block for WFDTNR
A3008-00
Replacement retard mechanism
PRK9
Replacement paddle kit – 12 paddles for WFDT and WFDTNR (see WFDT for sizes)
546-7000
Cover tamper switch kit for WFDT
S07-66-02
Replacement tamper screws for covers of WFDT, WFDTNR
WFDW
Replacement tamper proof wrench for cover of WFDT, WFDTNR
WFDN4
NEMA-4 gasket kit
C58-164-01
Replacement metal cover
C58-195-01
Replacement plastic cover (WFDTNR)
Spears® is a registered trademark of the Spears Manufacturing Company. Victaulic® is a registered trademark of the Victaulic Company of America.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com