Electronic Components Datasheet Search
  English  ▼

X  

BQ3285ESSN Datasheet(PDF) 27 Page - Texas Instruments

Part # BQ3285ESSN
Description  Real-Time Clock RTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ESSN Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ3285ESSN Datasheet HTML 21Page - Texas Instruments BQ3285ESSN Datasheet HTML 22Page - Texas Instruments BQ3285ESSN Datasheet HTML 23Page - Texas Instruments BQ3285ESSN Datasheet HTML 24Page - Texas Instruments BQ3285ESSN Datasheet HTML 25Page - Texas Instruments BQ3285ESSN Datasheet HTML 26Page - Texas Instruments BQ3285ESSN Datasheet HTML 27Page - Texas Instruments BQ3285ESSN Datasheet HTML 28Page - Texas Instruments BQ3285ESSN Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
bq3285E/L
Ordering Information
bq3285E/L
-
Package Option:
P = 24-pin plastic DIP (0.600)
S = 24-pin SOIC (0.300)
SS= 24-pin SSOP (0.150)
Device:
bq3285E Real-Time Clock with 242
bytes of general storage
or
bq3285L Real-Time Clock with 242
bytes of general storage
(3V operation)
Temperature:
blank = Commercial (0 to +70°C)
bq3285L only available in 24-pin SSOP (0.150).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com