Electronic Components Datasheet Search
  English  ▼

X  

RR2 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # RR2
Description  Polarity Reversal Relay Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

RR2 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  RR2 Datasheet HTML 1Page - Systemsensor advanced ideas. RR2 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Can be used with a single alarm
output panel that provides both
coded (pulsed) output for fire and
continuous output for burglary.
Fulfills NFPA 72 requirement for
sounder models
Designed for use with System
Sensor 2100 Series sounder
models
Colored wires facilitate easy
installation
Compatible with 2-wire and
4-wire smoke detectors
Can be used with 12 VDC and
24 VDC systems
Plug-in quick disconnects for
easy wiring
Model
RR2
General Description
The RR2 Polarity Reversal Relay
Module is intended for use with
2-wire and 4-wire detectors with
built-in sounder, such as the following
System Sensor models: 2100AT,
2112/24AT, 2112/24ATR and
2112/24AITR. Per NFPA require-
ments, the RR2 is designed to allow
all detectors on a loop to sound when
one goes into alarm. The RR2 can dif-
ferentiate between steady and pulsed
panel outputs.
Product Overview
RR2
Polarity Reversal
Relay Module
RR2
Specifications
Operating Voltage Range:
8.5 to 35 VDC
Maximum Operating Current
25mA
Relay Contacts:
2A at 35 VDC
Operating Temperature Range:
32° to 131° F (0° to 55° C)
Operating Humidity Range:
5% to 95% non-condensing
Dimensions:
2
1/2" x 2 1/2" x 1"
Wire connections:
18 AWG stranded, tinned, 16" long


Similar Part No. - RR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-0505D02A1 RSG-RR2-0505D02A1 Datasheet
1Mb / 4P
DC/DC-Converter
RR2-0505D02A3 RSG-RR2-0505D02A3 Datasheet
1Mb / 4P
DC/DC-Converter
RR2-0505D03A1 RSG-RR2-0505D03A1 Datasheet
1Mb / 4P
DC/DC-Converter
RR2-0505D03A3 RSG-RR2-0505D03A3 Datasheet
1Mb / 4P
DC/DC-Converter
RR2-0505D03AX RSG-RR2-0505D03AX Datasheet
117Kb / 3P
3 Watt 2:1 regulated single & dual output
More results

Similar Description - RR2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HC5520 HARRIS-HC5520 Datasheet
191Kb / 20P
CO/PABX Polarity Reversal Subscriber Line Interface Circuit
logo
Silicon Laboratories
SI3226 SILABS-SI3226 Datasheet
671Kb / 38P
Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Union Semiconductor, In...
UM3487E UNIONSEMI-UM3487E Datasheet
672Kb / 14P
짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
UM3089E UNIONSEMI-UM3089E Datasheet
764Kb / 14P
짹15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
Standard non polarity series for using in polarity reversal circuits
logo
PHOENIX CONTACT
EMD12-REL PHOENIX-EMD12-REL Datasheet
58Kb / 2P
Relay Module
logo
Pepperl+Fuchs Inc.
HIC5863 PF-HIC5863 Datasheet
777Kb / 4P
Relay Module
KCD0-RSH-1.1E.1 PF-KCD0-RSH-1.1E.1 Datasheet
951Kb / 5P
Relay Module
KFD0-RSH-1 PF-KFD0-RSH-1 Datasheet
831Kb / 4P
Relay Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com