Electronic Components Datasheet Search
  English  ▼

X  

ST-3 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # ST-3
Description  4-Wire Ionization Duct Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-3 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  ST-3 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A05-0315-002
Innovair Duct Smoke Detector Specifications
Architectural/Engineering Specifications
The air duct smoke detector shall be a System Sensor Model DH100ACDCI Series Duct Smoke Detector. The detector housing shall be UL listed per UL 268A
specifically for use in air handling systems. The detector shall operate at air velocities of 500 feet per minute to 4000 feet per minute (2.54 to 20.32 meters/
second). The unit shall be capable of controlling up to ten (10) air handling systems when interconnected with other detectors. The detector shall be capable of
providing a trouble signal in the event that the front cover is removed. It shall be capable of local testing via magnetic switch or remote testing using the SSK451
Multi-Signaling Accessory or the RTS451KEY Remote Test Station. The unit shall be reset by local reset button or remote test station. The duct smoke detector
housing shall incorporate an airtight smoke chamber in compliance with UL 268A, Standard for Smoke Detectors for Duct Applications. The housing shall be
capable of mounting to either rectangular or round ducts without adapter brackets. An integral filter system shall be included to reduce dust and residue effects
on detector and housing, thereby reducing maintenance and servicing. Sampling tubes shall either be telescoping or be easily installed by passing through the
duct housing after the housing is mounted to the duct. The unit shall provide a spacial separation of no less than ¼˝ (6.4 mm) and/or a physical barrier between
the high and low voltage terminals. The enclosure shall meet all applicable NEC and NFPA standards regarding electrical junction boxes. Terminal connections
shall be of the strip and clamp method suitable for 12–18 AWG wiring.
Physical Specifications
Size
143⁄8˝ (37 cm.) Length; 5½˝ (14 cm.) Width; 2¾˝ (7 cm.) Depth
Shipping Weight
3¾ lbs. (1.7 kg.)
Operating Temperature Range
32° to 120°F (0° to 49°C)
Operating Humidity Range
10% to 93% relative humidity non-condensing
Air Duct Velocity
500 to 4000 ft./min. (2.54 to 20.32 m/sec.)
Electrical Ratings – DH100ACDCLP (Includes Detector)
Power supply voltage:
20-29 VDC
24 VAC 50-60 Hz
120 VAC 50-60 Hz
220/240 VAC 50-60 Hz
Input capacitance:
270 µF max.
270 µF max.
N/A
N/A
Reset voltage:
3.0 VDC min.
2.0 VAC min.
10 VAC min.
20 VAC min.
Reset time (with RTS451):
.03 to 0.3 sec.
.03 to 0.3 sec.
.03 to 0.3 sec.
.03 to 0.3 sec.
Reset time (by power down):
0.6 sec. max.
0.6 sec. max.
0.6 sec. max.
0.6 sec. max.
Power up time:
34 sec. max.
34 sec. max.
34 sec. max.
34 sec. max.
Alarm response time:
2 to 17 sec.
2 to 17 sec.
2 to 17 sec.
2 to 17 sec.
Sensitivity Test:
See detector label
See detector label
See detector label
See detector label
Current Requirements (Using No Accessories)
Max. standby current:
15 mA
35 mA RMS
25 mA RMS
15 mA RMS*
Max. alarm current:
70 mA
125 mA RMS
35 mA RMS*
25 mA RMS*
Contact Ratings
Alarm initiation contacts (SPST):
2.0A @ 30 VAC/DC (0.6 power factor)
Alarm auxiliary contacts (DPDT):
10A @ 30 VDC; 10A @ 250 VAC
Note: Alarm auxiliary contacts must switch 100mA minimum at 5 VDC. Alarm auxiliary contacts shall not be connected to initiating circuits of control panels. Use
the alarm initiation contact for this purpose.
Trouble contacts (SPDT):
2.0A @ 30 VDC (resistive); 2.0A @ 125 VAC (resistive)
Accessory Current Loads at 24 VDC
Device
Standby
Trouble
Alarm
APA451
12.5 mA Max.
n/a
30 mA Max.
PA400
0 mA
n/a
15 mA Max.
RA400Z
0 mA
n/a
10 mA Max.
RTS451/RTS451KEY
12 mA*
n/a
7.5 mA Max.
SSK451
5 mA Max.
9 mA Max.
30 mA Max.
*Note: When a unit is powered at the 120 VAC or 220/240 VAC input, any combination of accessories may be used such that the given accessory loads are: 60
mA or less in the standby state; 110 mA or less in the alarm state.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com