Electronic Components Datasheet Search
  English  ▼

X  

2WT-B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2WT-B
Description  Photoelectric Smoke Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2WT-B Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2WT-B Datasheet HTML 1Page - Systemsensor advanced ideas. 2WT-B Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
Photoelectric
Smoke Detectors
System Sensor’s i3™ series smoke detectors represent
significant advancement in conventional detection.
The i3 family is founded on three principles: installation
ease, intelligence, and instant inspection.
Features
Plug-in detector line, mounting base included
Large wire entry port
In-line terminals with SEMS screws
Mounts to octagonal and single-gang backboxes, 4-square
backboxes, or direct to ceiling
Stop-Drop ’N Lock attachment to base
Removable detector cover and chamber
Built-in remote maintenance signaling
Drift compensation and smoothing algorithms
Simplified sensitivity measurement
Wide angle, dual color LED indication
Loop testing via EZ Walk feature
Built-in test switch
•
•
•
•
•
•
•
•
•
•
•
•
Installation ease. The i3 line redefines installation ease with its
plug-in design. This allows an installer to pre-wire the bases included
with the heads. The large wire entry port and in-line terminals
provide ample room for neatly routing the wiring inside the base.
The base accommodates a variety of back box mounting methods,
as well as direct mounting with drywall anchors. To complete the
installation, i3 heads plug in to the base with a simple Stop-Drop ’N
Lock™ action.
Intelligence. i3 detectors offer a number of intelligent features
to simplify testing and maintenance. Drift compensation and
smoothing algorithms are standard with the i3 line to minimize
nuisance alarms. Two-wire i3 detectors needing cleaning can
generate a remote maintenance signal, when connected to the
2W-MOD2 loop test/maintenance module, or to a panel equipped
with the i3 protocol. This signal is indicated by LEDs located at the
module and the panel. The SENS-RDR, a wireless device, displays the
sensitivityof i3 detectors in terms of percent per-foot-obscuration.
Instant inspection. The i3 series provides wide-angle red and
green LED indicators for instant inspection of the detector’s
condition: normal standby, out-of-sensitivity, alarm, or freeze trouble.
When connected to the 2W-MOD2 loop test/maintenance module
or a panel with the i3 protocol, the EZ Walk loop test feature is
available on two-wire i3 detectors. This feature verifies the initiating
loop wiring by providing LED status indication at each detector.
2093
290-01-E
7272-1209:210
3011446
S911


Similar Part No. - 2WT-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2WTA-B SYSTEMSENSOR-2WTA-B Datasheet
238Kb / 2P
Smoke Detectors with Sounder and Relay Option
2WTR-B SYSTEMSENSOR-2WTR-B Datasheet
238Kb / 2P
Smoke Detectors with Sounder and Relay Option
More results

Similar Description - 2WT-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
SMOKE DETECTORS
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
Intelligent Photoelectric Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com