Electronic Components Datasheet Search
  English  ▼

X  

2W-MOD2 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2W-MOD2
Description  2-Wire Loop Test/Maintenance Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2W-MOD2 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2W-MOD2 Datasheet HTML 1Page - Systemsensor advanced ideas. 2W-MOD2 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System Sensor’s 2W-MOD2 two-wire loop test/maintenance module maximizes the
benefits of the i3™ series smoke detectors, by offering detector remote mainte-
nance signaling and EZ Walk loop testing capabilities.
Installation ease.
The 2W-MOD2 mounts to a 4″-square back box for quick and
easy installation. Terminal blocks with durable SEMS screws assure a reliable
connection.
Intelligence.
The 2W-MOD2 allows communication to 2-wire i3 detectors with
any listed fire alarm control panel. This in turn enables i3 detectors to initiate
a remote maintenance signal when they are in need of cleaning, and to provide
a visual indication of this condition at the module and at the panel. The 2W-
MOD2 also features the EZ Walk loop test for 2-wire i3 series detectors. This
function verifies the entire initiating loop wiring with just the press of a button.
Instant inspection.
The 2W-MOD2 includes three LEDs — green, red, and
yellow — that provide status indication for the loop. These LEDs indicate the
following:
– Loop communication status
– Maintenance alert
– Alarm
– Freeze trouble
– EZ Walk test enabled
– Wiring fault
Allows all 2-wire i3™ detectors to be
used on any compatible 2- or 4-wire fire
alarm control panel
Interprets the i3 remote maintenance
signal
Provides visual indication and an out-
put relay when a detector on the loop
requires cleaning
Initiates the EZ Walk loop test
Provides Style D wiring on IDC loops
Green, red, and yellow LEDs indicate
– Loop communication status
– Maintenance alert
– Freeze trouble
– Alarm
– EZ Walk test enabled
– Wiring fault
Models Available
2W-MOD2
2-wire loop test/maintenance module
for 2-wire i3 series standard, sounder,
and Form C relay models
(Replaces Model No. 2W-MOD)
Product Overview
Series
2-Wire Loop Test/
Maintenance Module
C O N V E N T I O N A L
D E T E C T I O N
APPROVED
S3705
3015195
7300-1209
4-03-E


Similar Part No. - 2W-MOD2

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2W-MOD2 SYSTEMSENSOR-2W-MOD2 Datasheet
221Kb / 2P
Photoelectric Smoke Detectors
More results

Similar Description - 2W-MOD2

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1318 GENERAL-C1318 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1319 GENERAL-C1319 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1321 GENERAL-C1321 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1326 GENERAL-C1326 Datasheet
72Kb / 1P
TEST LEAD WIRE
logo
Pulse A Technitrol Comp...
PULSEW7002 PULSE-PULSEW7002 Datasheet
398Kb / 2P
NFC Wire Loop Antenna
logo
List of Unclassifed Man...
RL-S12X-24PK-R1 ETC2-RL-S12X-24PK-R1 Datasheet
320Kb / 2P
Closed loop design - requires zero maintenance for years.
logo
Pulse A Technitrol Comp...
W7002 PULSE-W7002 Datasheet
482Kb / 2P
NFC Wire Loop Antenna
logo
Adlink Technology Inc.
PXI-7931 ADLINK-PXI-7931 Datasheet
673Kb / 1P
4x8 2-Wire Matrix Module
logo
Pepperl+Fuchs Inc.
M-LB-5500 PF-M-LB-5500 Datasheet
686Kb / 3P
Maintenance Status Module
2022-01-15
logo
Molex Electronics Ltd.
2033879010 MOLEX-2033879010 Datasheet
852Kb / 4P
IMPEL TEST CABLE ASSY, LOOP BACK
2018/10/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com