Electronic Components Datasheet Search
  English  ▼

X  

5601P Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 5601P
Description  Mechanical Heat Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

5601P Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  5601P Datasheet HTML 1Page - Systemsensor advanced ideas. 5601P Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
5600 Series Mechanical
Heat Detectors
System Sensor’s 5600 series mechanical heat detectors
offer a low-cost means for property protection against
fire, and for non-life-safety installations where smoke
detectors are inappropriate.
Features
Multiple configurations for installations:
– Single- and dual-circuit models
– Fixed temp and combination fixed- temp/rate-of-rise
135°F or 194°F ratings.
Plain housing for residential installations (Model 5601P)
Easy-to-use terminal screws
A broad range of back box mounting options:
– Single gang
– 3.5˝ and 4˝ Octagonal
– 4˝ square with square to round plaster ring
Reversible mounting bracket
•
•
•
•
•
Multiple configurations. The 5600 series offers a full-line of
configurations to accommodate a broad range of applications. Both
single- and dual-circuit models are available for low- and high-
temperature ratings with either fixed temperature or combination
fixed temperature/rate-of-rise (ROR) activation. The ROR element of
the fixed/ROR models is restorable to accommodate field-testing.
Installation flexibility. To satisfy a variety of installation needs,
the 5600 series easily mounts to single-gang and octagonal back
boxes. And these models accommodate four-square back boxes,
when used with a square to round plaster ring. The reversible
mounting bracket permits both flush- and surface-mount back box
installations.
Visual identification. The 5600 series provides clear markings on
the exterior of the unit to ensure that the proper detector is being
used. Alphanumeric characters identify the activation method, as
well as the temperature rating, in Fahrenheit and Celsius degrees.
Fixed temperature models are identified FX, while combination
fixed/rate-of-rise units are marked FX/ROR. The 5600 series also
provides a post-activation indicator in the form of a collector. When
the detector is activated, the collector drops from the unit, making it
easy to identify the unit in alarm.
S2101
3016008
199-03-E
7270-1209:227


Similar Part No. - 5601P

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
5601 GAMEWELL-FCI-5601 Datasheet
60Kb / 1P
MECHANICAL HEAT DETECTORS
logo
Knowles Electronics
5601 KNOWLES-5601 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Adafruit Industries
5601 ADAFRUIT-5601 Datasheet
242Kb / 2P
Assembled Adafruit 0.56 4-Digit 7-Segment Display - w/ I2C Backpack STEMMA QT - Blue
logo
Kitronik Ltd
5601 KITRONIK-5601 Datasheet
471Kb / 3P
Edge Connector Breakout Board for the BBC micro:bit
logo
Bourns Electronic Solut...
5601-RC BOURNS-5601-RC Datasheet
428Kb / 1P
High Current Chokes
More results

Similar Description - 5601P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
2400AT SYSTEMSENSOR-2400AT Datasheet
196Kb / 4P
Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
Gamewell-FCI by Honeywe...
5601 GAMEWELL-FCI-5601 Datasheet
60Kb / 1P
MECHANICAL HEAT DETECTORS
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
302-135 GAMEWELL-FCI-302-135 Datasheet
131Kb / 2P
Rate-Anticipation Heat Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com