Electronic Components Datasheet Search
  English  ▼

X  

5603 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 5603
Description  Mechanical Heat Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

5603 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  5603 Datasheet HTML 1Page - Systemsensor advanced ideas. 5603 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0351-002 • 11/06 • #1676
Specifications
Architectural/Engineering Specifications
Mechanical heat detector shall be a System Sensor 5600 series model number _________, listed to Underwriters Laboratories UL 521 for Heat Detectors for Fire
Protective Signaling Systems. The detector shall be either a single-circuit or a dual-circuit type, normally open. The detector shall be rated for activation at either
135°F (57°C) or 194°F (90°C), and shall activate by means of a fixed temperature thermal sensor, or a combination fixed temperature/rate-of-rise thermal sensor.
The rate-of-rise element shall be activated by a rapid rise in temperature, approximately 15°F (8.3°C) per minute. The detector shall include a reversible mounting
bracket for mounting to 3½-inch and 4-inch octagonal, single gang, and 4-inch square back boxes with a square to round plaster ring. Wiring connections shall
be made by means of SEMS screws that shall accommodate 14–22AWG wire. The detector shall contain alphanumeric markings on the exterior of the housing
to identify its temperature rating and activation method. The rate-of-rise element of combination fixed temperature/rate-of-rise models shall be restorable, to
allow for field-testing. The detectors shall include an external collector that shall drop upon activation to identify the unit in alarm.
Physical/Operating Specifications
Maximum Installation Temperature
5601P, 5603, 5621, and 5623: 100°F (38°C)
5602, 5604, 5622, and 5624: 150°F (65.6°C)
Operating Humidity Range
5 to 95% RH non-condensing
Dimensions with mounting bracket
Diameter: 4.57 inches (11.6cm)
Height: 1.69 inches (4.3cm)
Alarm Temperature
5601P, 5603, 5621, and 5623: 135°F (57°C)
5602, 5604, 5622, and 5624: 194°F (90°C)
Weight
6 oz. (170 grams)
Rate-of-Rise Threshold
15°F (8.3°C) rise per minute (models 5601P, 5602, 5621, and 5622 only)
Mounting
3½-inch octagonal back box
4-inch octagonal back box
Single gang back box
4-inch square back box with a square to round plaster ring
Electrical Specifications
Operating Voltage / Contact Ratings
6–125VAC / 3A
6–28VDC / 1A
125VDC / 0.3A
250VDC / 0.1A
Input Terminals
14–22 AWG
Ordering Information
Model
Circuit
Identification Method
on Exterior
Temperature
Rating
Activation
UL Protected Spacing – 10 Foot Ceiling*
5601P
Single
None
135°F (57°C)
Fixed Temperature / Rate-of-Rise
50 feet × 50 feet (15.24m × 15.2m)
5602
Single
Lettering
194°F (90°C)
Fixed Temperature / Rate-of-Rise
50 feet × 50 feet (15.24m × 15.2m)
5603
Single
Lettering
135°F (57°C)
Fixed Temperature
25 feet × 25 feet (7.62m × 7.62m)
5604
Single
Lettering
194°F (90°C)
Fixed Temperature
25 feet × 25 feet (7.62m × 7.62m)
5621
Dual
Lettering
135°F (57°C)
Fixed Temperature / Rate-of-Rise
50 feet × 50 feet (15.24m × 15.2m)
5622
Dual
Lettering
194°F (90°C)
Fixed Temperature / Rate-of-Rise
50 feet × 50 feet (15.24m × 15.2m)
5623
Dual
Lettering
135°F (57°C)
Fixed Temperature
25 feet × 25 feet (7.62m × 7.62m)
5624
Dual
Lettering
194°F (90°C)
Fixed Temperature
25 feet × 25 feet (7.62m × 7.62m)
*NOTE: Refer to NFPA72 guidelines for spacing reductions when ceiling heights exceed 10 feet.
5601P
194°F/90°C
5602, 5622
135°F/57°C
5603, 5623
194°F/90°C
5604, 5624
135°F/57°C
5621



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com