Electronic Components Datasheet Search
  English  ▼

X  

LTC3537 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3537 Datasheet HTML 4Page - Linear Technology LTC3537 Datasheet HTML 5Page - Linear Technology LTC3537 Datasheet HTML 6Page - Linear Technology LTC3537 Datasheet HTML 7Page - Linear Technology LTC3537 Datasheet HTML 8Page - Linear Technology LTC3537 Datasheet HTML 9Page - Linear Technology LTC3537 Datasheet HTML 10Page - Linear Technology LTC3537 Datasheet HTML 11Page - Linear Technology LTC3537 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3537
8
3537fa
TYPICAL PERFORMANCE CHARACTERISTICS
LDO Load Current Step Response
LDO Load Current Step Response
LDO Load Current Step Response
TA = 25°C unless otherwise noted.
VINL = 5V
VOLDO = 3V
COUT = 1μF
3537 G32
ILOAD
100mA/
DIV
VOLDO
100mV/
DIV
100μs/DIV
VINL = 3.3V
VOLDO = 3V
COUT = 1μF
3537 G31
ILOAD
100mA/
DIV
VOLDO
100mV/
DIV
100μs/DIV
VINL = 5V
VOLDO = 1.8V
COUT = 1μF
3537 G33
ILOAD
100mA/
DIV
VOLDO
100mV/
DIV
100μs/DIV
LDO Current Limit vs Temperature
TEMPERATURE (°C)
–40
7
6
5
4
2
3
1
–1
0
–2
60
40
20
0
3537 G30
80
–20
NORMALIZED TO 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com