Electronic Components Datasheet Search
  English  ▼

X  

LTC4001EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4001EUF
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4001EUF Datasheet HTML 9Page - Linear Technology LTC4001EUF Datasheet HTML 10Page - Linear Technology LTC4001EUF Datasheet HTML 11Page - Linear Technology LTC4001EUF Datasheet HTML 12Page - Linear Technology LTC4001EUF Datasheet HTML 13Page - Linear Technology LTC4001EUF Datasheet HTML 14Page - Linear Technology LTC4001EUF Datasheet HTML 15Page - Linear Technology LTC4001EUF Datasheet HTML 16Page - Linear Technology LTC4001EUF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC4001
4001f
where RNOM is the value of the bias resistor, RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the example from before with a
desired hot trip point of 50
°C:
R
RR
k
k
k is nearest
Rk
k
k is nearest
NOM
COLD
HOT
==
()
=
=
()
⎛
⎝⎜
⎞
⎠⎟
=
–
.– .
•.
– .
.– .
.,
%
•
.
.– .
•
.
–.
–.
.,
.
%
2 815 0 4086
100
3 2636 0 3602
2 815 0 4086
120 8 121
1
1 100
0 4086
2 815 0 4086
3 266 0 3602
0 3602
13 3 13 3
1
The final solution is as shown if Figure 4 where RNOM =
121k, R1 = 13.3k and RNTC = 100k at 25°C.
Input and Output Capacitors
The LTC4001 uses a synchronous buck regulator to pro-
vide high battery charging current. A 10
µF chip ceramic
APPLICATIO S I FOR ATIO
capacitor is recommended for both the input and output
capacitors because it provides low ESR and ESL and can
handle the high RMS ripple currents. However, some high
Q capacitors may produce high transients due to self-
resonance under some start-up conditions, such as con-
necting the charger input to a hot power source. For more
information, refer to Application Note 88.
EMI considerations usually make it desirable to minimize
ripple current in the battery leads, and beads or inductors
may be added to increase battery impedance at the 1.5MHz
switching frequency. Switching ripple current splits be-
tween the battery and the output capacitor depending on
the ESR of the output capacitor and the battery impedance.
If the ESR of the output capacitor is 0.1
Ω and the battery
impedance is raised to 2
Ωwithabeadorinductor,only5%
of the ripple current will flow in the battery. Similar
techniques may also be applied to minimize EMI from the
input leads.
Figure 4. Extending the Delta Temperature
TOO COLD
LTC4001 NTC BLOCK
TOO HOT
0.29 • VINSENSE
0.74 • VINSENSE
RNOM
121k
VINSENSE
0.02 • VINSENSE
NTC ENABLE
4001 F04
–
+
R1
13.3k
RNTC
100k
9
NTC
11
GNDSENS
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com