Electronic Components Datasheet Search
  English  ▼

X  

D68BP4 Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # D68BP4
Description  Fixed Frequency 4-Pole Pair Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D68BP4 Datasheet(HTML) 6 Page - Frequency Devices, Inc.

  D68BP4 Datasheet HTML 1Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 2Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 3Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 4Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 5Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Band-Reject
4-Pole Pair
Appendix A
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Q = 3
Q = 10
Amp
(dB)
-0.10 0.799 1.251
0.935 1.069
-0.25 0.809 1.236
0.938 1.066
-0.50 0.818 1.223
0.941 1.062
-1.00 0.828 1.208
0.945 1.059
-1.50 0.835 1.198
0.947 1.056
-2.00 0.839 1.191
0.949 1.054
-2.50 0.844 1.185
0.95
1.053
-3.00 0.847 1.180
0.951 1.051
-5.00 0.858 1.165
0.955 1.047
-10.00 0.877 1.140
0.961 1.040
-15.00 0.892 1.121
0.966 1.035
-20.00 0.905 1.105
0.97
1.030
-25.00 0.916 1.092
0.974 1.027
-30.00 0.925 1.081
0.977 1.024
-35.00 0.933 1.072
0.979 1.021
-40.00 0.939 1.065
0.982 1.019
-45.00 0.945 1.059
0.983 1.017
-50.00 0.949 1.054
0.984 1.016
-55.00 0.952 1.050
0.985 1.015
-60.00 0.954 1.048
0.986 1.014
1
-70
-60
-50
-40
-30
-20
-10
0
1.1
1.2
.9
.8
Q3
Q10
0.1
1.0
10.0
2
3
4 5 6 7 8
2
3 4 5 6 7 8
Normalized Theoretical Phase Data
Q = 3
Q = 10
(-)
(+)
(-)
(+)
Phase
Mag
(deg)
f/fo
f/fo
f/fo
f/fo
1.0
0.020 49.66
0.067 14.88
2.5
0.050 19.91
0.164 6.087
5.0
0.100 10.03
0.306 3.268
10.0 0.194 5.160
0.504 1.985
15.0 0.279 3.590
0.621 1.609
20.0 0.352 2.838
0.696 1.437
25.0 0.416 2.405
0.746 1.340
30.0 0.470 2.129
0.783 1.278
35.0 0.515 1.940
0.810 1.235
40.0 0.555 1.803
0.831 1.204
45.0 0.588 1.700
0.848 1.180
50.0 0.617 1.620
0.861 1.161
60.0 0.664 1.505
0.882 1.133
70.0 0.701 1.427
0.897 1.115
80.0 0.729 1.372
0.909 1.101
90.0 0.752 1.330
0.917 1.090
120.0 0.797 1.255
0.934 1.071
150.0 0.824 1.214
0.943 1.060
180.0 0.844 1.185
0.950 1.052
210.0 0.862 1.160
0.957 1.045
Normalized Frequency (f/fo)
Normalized Frequency (f/fo)
-360
-270
-180
-90
0
90
180
270
360
Phase Response Curves
Amplitude Response Curves
Normalized Theoretical Amplitude Data
Q3
Q10
fL<fO<fH
fL<fO<fH
f /fO
f /fO
f /fO
f /fO
43



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com