Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CMOS HEX BUFFERS/CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 3 Page - Texas Instruments

  CD4049UB Datasheet HTML 1Page - Texas Instruments CD4049UB Datasheet HTML 2Page - Texas Instruments CD4049UB Datasheet HTML 3Page - Texas Instruments CD4049UB Datasheet HTML 4Page - Texas Instruments CD4049UB Datasheet HTML 5Page - Texas Instruments CD4049UB Datasheet HTML 6Page - Texas Instruments CD4049UB Datasheet HTML 7Page - Texas Instruments CD4049UB Datasheet HTML 8Page - Texas Instruments CD4049UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . -0.5V to 20V
DC Input Current, Any One Input. . . . . . . . . . . . . . . . . . . . . .
±10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Package Thermal Impedance,
θJA (see Note1):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W
D (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W
DW (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . . 65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .265oC
SOIC - Lead Tips Only
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
TEST CONDITIONS
LIMITS AT INDICATED TEMPERATURE (oC)
UNITS
-55
-40
85
125
25
VO
(V)
VIN
(V)
VCC (V)
MIN
TYP
MAX
Quiescent Device Current
IDD (Max)
-
0,5
5
1
1
30
30
-
0.02
1
µA
-
0,10
10
2
2
60
60
-
0.02
2
µA
-
0,15
15
4
4
120
120
-
0.02
4
µA
-
0,20
20
20
20
600
600
-
0.04
20
µA
Output Low (Sink) Current
IOL (Min)
0.4
0,5
4.5
3.3
3.1
2.1
1.8
2.6
5.2
-
mA
0.4
0,5
5
4
3.8
2.9
2.4
3.2
6.4
-
mA
0.5
0,10
10
10
9.6
6.6
5.6
8
16
-
mA
1.5
0,15
15
26
25
20
18
24
48
-
mA
Output High (Source) Current
IOH (Min)
4.6
0,5
5
-0.81
-0.73
-0.58
-0.48
-0.65
-1.2
-
mA
2.5
0,5
5
-2.6
-2.4
-1.9
-1.55
-2.1
-3.9
-
mA
9.5
0,10
10
-2.0
-1.8
-1.35
-1.18
-1.65
-3.0
-
mA
13.5
0,15
15
-5.2
-4.8
-3.5
-3.1
-4.3
-8.0
-
mA
Out Voltage Low Level
VOL (Max)
-
0,5
5
0.05
0.05
0.05
0.05
-
0
0.05
V
-
0,10
10
0.05
0.05
0.05
0.05
-
0
0.05
V
-
0,15
15
0.05
0.05
0.05
0.05
-
0
0.05
V
Output Voltage High Level
VOH (Min)
-
0,5
5
4.95
4.95
4.95
4.95
4.95
5
-
V
-
0,10
10
9.95
9.95
9.95
9.95
9.95
10
-
V
-
0,15
15
14.95
14.95
14.95
14.95
14.95
15
-
V
Input Low Voltage, VIL (Max)
CD4049UB
4.5
-
5
1
1
1
1
-
-
1
V
9
-
10
2222
-
-
2
V
13.5
-
15
2.5
2.5
2.5
2.5
-
-
2.5
V
Input Low Voltage, VIL (Max)
CD4050B
0.5
-
5
1.5
1.5
1.5
1.5
-
-
1.5
V
1
-
10
3333
-
-
3
V
1.5
-
15
4
4
4
4
-
-
4
V
CD4049UB, CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com