Electronic Components Datasheet Search
  English  ▼

X  

DP68H8D60 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # DP68H8D60
Description  32 Pin DIP 8-Pole Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP68H8D60 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  DP68H8D60 Datasheet HTML 1Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 2Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 3Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 4Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 5Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 6Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 7Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 8Page - Frequency Devices, Inc. DP68H8D60 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Fixed Frequency
D68 & DP68 Series
8-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D68L8L & DP68L8L
D68L8D60 & DP68L8D60
D68L8D & DP68L8D
D68L8D10 & DP68L8D10
Product Specifications
Transfer Function
8-Pole, Bessel
8-Pole, 6 zero,
8-Pole, 6 zero,
8-Pole, 6 zero,
Constant Delay
Constant Delay
Constant Delay
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Range fc
D68
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
DP68
1 Hz to 5 kHz
1 Hz to 5 kHz
1 Hz to 5 kHz
1 Hz to 5 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 4
Page 20
Page 21
Page 22
Passband Ripple
0.0 dB
0.15 dB
0.15 dB
0.15 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
60 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
fc
± 2% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3dB
-3dB
-3dB
-3dB
Phase
-182°
-306°
-306°
-311°
Filter Attenuation
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
3.01 dB
1.00 fc
40.0 dB
2.28 fc
60.0 dB
3.08 fc
80.0 dB
4.45 fc
60.0 dB
4.52 fc
60.0 dB
2.64 fc
80.0 dB
3.57 fc
100.0 dB
5.20 fc
80.0 dB
6.07 fc
Phase Match1
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
Amplitude Accuracy
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fc - 1.0 fc ± 0.3 dB max.
±0 .15 dB typ.
±0 .15 dB typ.
± 0.15 dB typ.
Total Harmonic
Distortion @ 1 kHz
D68
<-100 dB typ.
<-100 dB typ.
<-100 dB typ.
<-100 dB typ.
DP68
<-80 dB typ.
<-80 dB typ.
<-80 dB typ.
<-80 dB typ.
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-01A
FMA-01A
FMA-01A
FMA-01A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com