Electronic Components Datasheet Search
  English  ▼

X  

D100B Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D100B
Description  2 - Pole Pair Band - Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100B Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D100B Datasheet HTML 1Page - Frequency Devices, Inc. D100B Datasheet HTML 2Page - Frequency Devices, Inc. D100B Datasheet HTML 3Page - Frequency Devices, Inc. D100B Datasheet HTML 4Page - Frequency Devices, Inc. D100B Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D100B Series
Specifications
(25ºC and Vs ± 15 Vdc)
Pin-Out and Package Data
Ordering Information
3
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sale
• Web Address: http://www.freqdev.com
Analog Input Characteristics
1
Impedance
1.0 k
Ω min.
Voltage Range
±10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Load Impedance
1.0 k
Ω min.
Linear Operating Range for THD
±5V
Operating Range for Low Noise
±10V
Current
2 @ (Vs @ ±15V)
10 mA max.
Offset Voltage
3
2 mV typ.
20 mV max.
Offset Temp. Coefficient
50
µV/°C
Power Supply (
±V
s)
Rate Voltage
±15V
Operating Range
±5V min. ±18V max.
Quiescent Current
40 mA max
Temperature Range
Operating
0ºC to +70ºC
Storage
-25ºC to +85ºC
s@freqdev.com
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common. DO NOT CONNECT
TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
5. How to specify Center Frequency F0. Center frequency is
specified by attaching a three-digit frequency designator to the basic
model number. Center frequencies can range from 100 Hz to 100
kHz.
F
O >10 kHz
F
O >10 kHz
Bottom View
0.025" (dia)
1.80"(max)
0.80"(max)
0.15" (min)
0.30"(max)
0.80"
0.70"
0.10"
0.00"
OUT
+VS
-VS OS
GND
IN
All dimensions are in inches
All case dimensions ± 0.01"
F
O <10 kHz
0.50"(max)
F
O <10 kHz
0.10"(typ)
1
5
15 16
17
29
ORDERING INFORMATION
D100BP2/5-10.0 kHz
Os
+Vs
-Vs
Do not connect
if trim is not
required.
20 k
(Cermet)
DC Offset Adjustment
4
“Q”
F0 Center Frequency
5
1, 2, 5
e.g.,
849 Hz
2.50 kHz
33.3 kHz
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to
be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale, which apply,
to all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them
as a recommendation for any use, which would infringe any patent or copyright.
PR-D100BP2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com