Electronic Components Datasheet Search
  English  ▼

X  

VM8PF Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM8PF
Description  Programmable VME Filter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM8PF Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM8PF Datasheet HTML 1Page - Frequency Devices, Inc. VM8PF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1784 Chessie Lane, Ottawa, IL 61350
• Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Channel
Model VM8PF
Programmable
VME Filter Board
LOW-PASS FILTER OPTIONS
4-pole
D824
8-pole
D828
HIGH-PASS FILTER OPTIONS
4-pole
D824
8-pole
D828
BAND-PASS FILTER OPTIONS
2-pole pair
824BP
4-pole pair
828BP
BAND-REJECT (NOTCH) FILTER OPTIONS
4-pole pair
828BR
Description
Frequency Devices’ Model VM8PF comprises a
family of VMEbus filter boards offering eight
channels of software programmable, precision linear
analog filtering in a single width B-size (6U) VME form
factor. VM8PF boards receive up to eight high level
differential signal inputs through a shielded front panel
connector and provide signal buffering and software
programmable filtering with unity gain for each chan-
nel. A second connector is wired in parallel with the
input connector to facilitate filter bypass. VM8PF
boards may be configured with 4- or 8-pole filters in
any one of five standard factory set tuning ranges from
1.0 Hz to 102.4 kHz, and with high- or low-pass
transfer functions allowing user to externally cascade
filters into band-pass configurations.
The boards
conform to VME revision C.1 as an A16/D16 Slave.
Features/Benefits:
• Simultaneous sampling over 8 channels provides
a low cost, versatile and convenient way to control
filtering and gain scaling.
• Solves precision performance problems of design
engineers, system integrators and OEM’s.
• Broad range of transfer characteristics and corner
frequencies are offered to meet a wide range of
applications.
• Low harmonic distortion and wide signal-to-noise
ratio to 16-bit resolution.
Signal conditioning applications include:
• Engine test and simulation
• Automotive test cells
• Aerospace, navigation & sonar
• Laboratory R & D
• Acoustic and vibration analysis
• Satellite & Telecommunications
• Automatic test equipment (ATE)
• Industrial process control
Ordering Information
Channels
Filter Type and Corner Frequency
4 or 8
D824 or D828
VM8PF-8-D828H8E-2


Similar Part No. - VM8PF

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C35A-D FTDI-VM800C35A-D Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C35A-N FTDI-VM800C35A-N Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C43A-D FTDI-VM800C43A-D Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C43A-N FTDI-VM800C43A-N Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
More results

Similar Description - VM8PF

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C153 IMP-EI68C153 Datasheet
35Kb / 2P
Bus Interrupter Module (VME)
logo
List of Unclassifed Man...
DL400 ETC-DL400 Datasheet
100Kb / 6P
VME Basismodul
logo
Actel Corporation
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
VME A32D32 Slave Controller
logo
Frequency Devices, Inc.
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
VM2.0PAFF FREQUENCYDEVICES-VM2.0PAFF Datasheet
795Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
VM32FF FREQUENCYDEVICES-VM32FF Datasheet
150Kb / 2P
Fixed Frequency VME Filter Board
VM32PA FREQUENCYDEVICES-VM32PA Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com