Electronic Components Datasheet Search
  English  ▼

X  

SWDO-05 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # SWDO-05
Description  2??X 2??Oscillators: Dual Channel & Quadrature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SWDO-05 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  SWDO-05 Datasheet HTML 1Page - Frequency Devices, Inc. SWDO-05 Datasheet HTML 2Page - Frequency Devices, Inc. SWDO-05 Datasheet HTML 3Page - Frequency Devices, Inc. SWDO-05 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPPOSC Series
2” X 2”
(Low Distortion) 1 Hz to 102.4 kHz
Oscillators: Dual Channel
8 or 9-Bit Frequency Selectable
& Quadrature
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
0.160 " Min.
PIN CLEARANCE
0.31 "
0.15 "
0.065 "
0.085 "
2.0"
2.0"
0.25"
0.075"
0.275"
0.20"
0.275"
0.10"
0.20"
0.125"
0.05"
0.05"
0.125"
0.40"
0.46"
PIN DIA. 0.025"
SPPOSC TOP VIEW
AND DIMENSIONS
All normal pin spacing 0.10"
D
0
D
1
D
2
D
3
D
5
D
7
D
6
D
4
D
9
D
8
-15V
+15V
AGND
OUT2
OUT1
AGND
DGND
NOT USED
SPI-SO
SPI-SCK
SPI-SI
SPI-CS-EEPROM
SPI-/WP
AGND
SCLK
LRCLK
SDIN
MCLK
+5V
DGND
NOT USED
NOT USED
NOT USED
NOT USED
NOT USED
NOT USED
SPPOSC TOP VIEW
PIN IDENTIFICATION
FACTORY OR CUSTOM
USE ONLY
FACTORY OR CUSTOM
USE ONLY
Outputs and
Analog PS
Frequency
Select Port
D0 – D7or 8
8 or 9 – bit Frequency select pins
D8
Channel select for 8 bit dual Osc.
D9
Enable / Latch for 8 bit dual Osc.
Out 1 & 2
Oscillator outputs
± 15 Vdc
Analog Dc power In
+ 5 Vdc
Digital Power In
A Gnd
Analog Ground
D Gnd
Digital Ground
ORDERING INFORMATION
SP PO S C - 0 1 / SW Q O - 0 1
01 Lo w F req . ra n g e
02 H igh F req . ra n g e
O s c illator S o f tw a re ty pe
exam ple S W Q O (Q u a d ratu re)
S W D O D u al ch an ne l
SW SO Sa m e f re q d u a l
S e le c tab le Freq ue nc y ra n g e
e xa m ple -0 1 (1 H z to 51 2 H z )
S e e S e le c tio n gu id e f ro n t pa ge .
Consult factory for custom non-standard frequencies and ranges.
The SPPDB – 01 Mounting Assembly is available for this Oscillator.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate.
Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no
responsibility for the use of these statements, recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any
patent or copyright.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com