Electronic Components Datasheet Search
  English  ▼

X  

L293DNE Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # L293DNE
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DNE Datasheet(HTML) 13 Page - Texas Instruments

Back Button L293DNE Datasheet HTML 9Page - Texas Instruments L293DNE Datasheet HTML 10Page - Texas Instruments L293DNE Datasheet HTML 11Page - Texas Instruments L293DNE Datasheet HTML 12Page - Texas Instruments L293DNE Datasheet HTML 13Page - Texas Instruments L293DNE Datasheet HTML 14Page - Texas Instruments L293DNE Datasheet HTML 15Page - Texas Instruments L293DNE Datasheet HTML 16Page - Texas Instruments L293DNE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
L293DDWP
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
L293DDWPTR
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
L293DN
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
L293DNE
ACTIVE
PDIP
NE
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
L293DNEE4
ACTIVE
PDIP
NE
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
L293DSP
OBSOLETE
16
TBD
Call TI
Call TI
L293DSP883B
OBSOLETE
16
TBD
Call TI
Call TI
L293DSP883C
OBSOLETE
UTR
TBD
Call TI
Call TI
L293DWP
ACTIVE
SO
Power
PAD
DWP
28
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
L293DWPG4
ACTIVE
SO
Power
PAD
DWP
28
20
TBD
Call TI
Call TI
L293DWPTR
OBSOLETE
SO
Power
PAD
DWP
28
TBD
Call TI
Call TI
L293N
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
Call TI
Level-NC-NC-NC
L293NE
ACTIVE
PDIP
NE
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
L293NEE4
ACTIVE
PDIP
NE
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
12-Sep-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com