Electronic Components Datasheet Search
  English  ▼

X  

L293DNEE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # L293DNEE4
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DNEE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button L293DNEE4 Datasheet HTML 3Page - Texas Instruments L293DNEE4 Datasheet HTML 4Page - Texas Instruments L293DNEE4 Datasheet HTML 5Page - Texas Instruments L293DNEE4 Datasheet HTML 6Page - Texas Instruments L293DNEE4 Datasheet HTML 7Page - Texas Instruments L293DNEE4 Datasheet HTML 8Page - Texas Instruments L293DNEE4 Datasheet HTML 9Page - Texas Instruments L293DNEE4 Datasheet HTML 10Page - Texas Instruments L293DNEE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
24 V
5 V
10 k
Ω
VCC1
VCC2
Control A
Control B
4, 5, 12, 13
GND
Thermal
Shutdown
Motor
16
8
3
6
11
14
4Y
3Y
2Y
1Y
1,2EN
1A
2A
3,4EN
3A
4A
15
10
9
7
2
1
Figure 2. Two-Phase Motor Driver (L293)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com