Electronic Components Datasheet Search
  English  ▼

X  

L293DSP Datasheet(PDF) 16 Page - Texas Instruments

Part # L293DSP
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DSP Datasheet(HTML) 16 Page - Texas Instruments

Back Button L293DSP Datasheet HTML 11Page - Texas Instruments L293DSP Datasheet HTML 12Page - Texas Instruments L293DSP Datasheet HTML 13Page - Texas Instruments L293DSP Datasheet HTML 14Page - Texas Instruments L293DSP Datasheet HTML 15Page - Texas Instruments L293DSP Datasheet HTML 16Page - Texas Instruments L293DSP Datasheet HTML 17Page - Texas Instruments L293DSP Datasheet HTML 18Page - Texas Instruments L293DSP Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MECHANICAL DATA
MPDI003 – OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NE (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
20 PIN SHOWN
20
16
PINS **
0.780 (19,80)
0.240 (6,10)
0.260 (6,60)
Seating Plane
DIM
0.975 (24,77)
0.914 (23,22)
0.930 (23,62)
1.000 (25,40)
0.260 (6,61)
0.280 (7,11)
Seating Plane
0.010 (0,25) NOM
4040054 / B 04/95
0.310 (7,87)
0.290 (7,37)
0.070 (1,78) MAX
C
10
0.021 (0,533)
0.015 (0,381)
A
11
1
20
0.015 (0,381)
0.021 (0,533)
B
0.200 (5,08) MAX
0.020 (0,51) MIN
0.125 (3,17)
0.155 (3,94)
0.020 (0,51) MIN
0.200 (5,08) MAX
0.155 (3,94)
0.125 (3,17)
M
0.010 (0,25)
M
0.010 (0,25)
0.100 (2,54)
0
°–15°
0.100 (2,54)
C
B
A
MIN
MAX
MIN
MAX
MIN
MAX
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001 (16 pin only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com