Electronic Components Datasheet Search
  English  ▼

X  

DH200PL Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # DH200PL
Description  Intelligent Low-Flow Duct Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH200PL Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  DH200PL Datasheet HTML 1Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 2Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 3Page - Systemsensor advanced ideas. DH200PL Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The duct smoke detector shall be a System
Sensor Model DH200PL or DH200RPL
Intelligent Low-Flow Duct Smoke Detector
to be used with compatible control pan-
els. The duct smoke detector shall be UL
listed per UL 268A, Standard for Smoke
Detectors for Duct Applications, specifi-
cally for use in air handling systems. The
detector shall operate in air velocities from
100 to 4000 feet per minute. The detec-
tor shall be an intelligent photoelectronic
detector. It shall be capable of local testing
via magnetic switch or remote testing from
the RTS451 or RTS451KEY Remote Test
Station. The duct smoke detector housing
shall incorporate an airtight smoke cham-
ber in compliance with UL 268A. The
housing shall be capable of mounting to
either rectangular or round ducts without
adapter brackets. An integral filter system
shall be included to reduce dust and resi-
due effects, thereby reducing maintenance
and servicing. Sampling tubes shall be eas-
ily installed after the housing is mounted
to the duct by passing through the duct
housing. Terminal connections shall be of
the strip and clamp method suitable for
12-18 AWG wiring.
Architect/Engineer Specifications
Voltage Range
15 to 32 VDC
Standby Current
300µA @ 24 VDC (one communica-
tion every 5 seconds with LED blink
enabled)
Wiring diagram for DH200PL Duct Smoke Detector with optional RA400Z
Wiring diagram for DH200PL Duct Smoke Detector with RTS451/RTS451KEY
+
–
COMMUNICATION
LINE
UL LISTED CONTROL
PANEL
1ST DETECTOR
IN LOOP
2ND DETECTOR
IN LOOP
DH200PL
RTS451/RTS451KEY
4
5
6
1
2
3
FIELD INSTALLED
JUMPER
COMMON TEST
LED
RESET
FOR RTS451, TERMINAL 3 IS NOT USED.
(RTS451 DOES NOT HAVE A TERMINAL 6.)
FOR RTS451KEY, TERMINALS 3 AND 6
ARE NOT USED.
DH200PL
+
RA400Z
Wiring diagram for DH200PL Duct Smoke Detector using a UL listed control panel
DH200PL Specifications
Device
Standby
Alarm
RA400Z
0 mA
10 mA Max.
RTS451/RTS451KEY
0 mA
7.5 mA Max.
Accessory Current Loads
(Must break tab on back of RA400Z when used with DH200PL.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com