Electronic Components Datasheet Search
  English  ▼

X  

5251RB Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 5251RB
Description  Intelligent Low Profile Plug-in Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

5251RB Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  5251RB Datasheet HTML 1Page - Systemsensor advanced ideas. 5251RB Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2009 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0362-002•3/09•#2125
Ordering Information
Part No.
Description
2251B*
Photoelectric smoke detector
2251TB*
Photoelectric smoke detector with thermal
2251TMB*
Acclimate™ multicriteria smoke detector
1251B*
Ionization smoke detector
5251B*
Fixed temperature thermal detector
5251RB*
Rate-of-rise thermal detector
5251H*
High temperature thermal detector
Bases
B501*
Flangeless mounting base
B210LP*
Flanged mounting base
B501BH*
Standard sounder base
B501BH-2*
Standard sounder base;
complieswithUL8649thedition
B501BHT*
Temporal tone sounder base
B501BHT-2*
Temporal tone sounder base;
complieswithUL8649thedition
B224RB*
Relay base
B224BI*
Isolator base
RMK400
Recessed mounting kit
SMK400
Flangeless surface mounting kit
SMB600
Flanged surface mounting kit
Accessories
F110
Retrofit flange
RA400Z
Remote LED annunciator
M02-04-01
Detector test magnet
M02-09-00
Telescoping test magnet
XR2B
Detectorremovaltool(T55-127-000included)
XP-4
Extension for XR2 (5 to 15 ft)
T55-127-000
Detector removal head
BCK-200B
Black detector kit (10 pack)**
WCK-2008
White Detector Kit (10 pack)**
Accessories
200 Series Intelligent Detector Specifications
Physical/Operating Specifications
Height
2.0 in (51 mm)
Diameter
6.1in(155mm)installedinB210LPbase;4.1in(104mm)installedinB501base
Shipping Weight
Heat:4.8oz(136g);Photo/PhotowithHeat:5.2oz(147g);Ion:5.4oz(153g)
Operating Temperature Range
Ion/Photo:32°Fto120°F(0°Cto49°C)
PhotowithThermal:32°Fto100°F(0°Cto38°C)
Thermal:–4°Fto100°F(–20°Cto38°C)
HighTemperature:–4°Fto150°F(–20°Cto66°C)
UL Listed Velocity Range
Ion:0to1200fpm(0to6.1m/sec)
Photo/PhotowithThermal:0–4000fpm(0–20m/sec)(suitableforinstallationinducts)
Operating Humidity Range
10% to 93% noncondensing
Thermal Ratings
FixedTemperatureSetpoint:135°F(57°C)
RateofRiseDetection:15°F/min.(8.3°C/min.)
HighTemperatureHeat:190ºF(88ºC)
Electrical Specifications
Voltage Range
15to32voltsDCpeak
Standby Current (max. avg.)
300 µA@24VDC(onecommunicationevery5secondswithLEDenabled)
Photo/PhotowithThermal:300µA@24VDC(onecommunicationevery5secondswithLEDenabled)
LED Current (max.)
6.5mA@24VDC(on)
RA400Z
Remote LED
Annunciator
XR2B
Detector
Removal Tool
Head also sold separately
(part no. T55-127-000)
*Add“A”forULClistedproduct(e.g.,2251BA)
**TheBCK-200BandWCK-200BareonlyapplicabletotheB210LPflangedstyle
mounting base and may only be used with 2251B (photoelectric) and 1251B
(ionization) smoke detectors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com