Electronic Components Datasheet Search
  English  ▼

X  

CHW Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # CHW
Description  Selectable Output Chimes and Chime/Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

CHW Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  CHW Datasheet HTML 1Page - Systemsensor advanced ideas. CHW Datasheet HTML 2Page - Systemsensor advanced ideas. CHW Datasheet HTML 3Page - Systemsensor advanced ideas. CHW Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
Features
Plug-in design
•
Shorting spring on mounting plate for pre-installation continuity
•
check
Captive mounting screw
•
Torx screw for tamper resistance
•
Field-selectable candela settings: 15, 15/75, 30, 75, 95, 110, 115
•
Automatic selection of 12- or 24-volt operation at 15 and 15/75
•
candela
Minimal intrusion into the back box
•
Rotary switch for tone selection
•
Two volume settings
•
Electrically compatible with existing SpectrAlert products
•
Listed for ceiling or wall mounting
•
SpectrAlert Advance selectable-output chimes and chime/
strobes are private mode notification appliances used to alert trained
personnel to investigate possible emergency situations and to take
appropriate action. Security guard and nurse workstations are ideal
locations for chime products.
SpectrAlert Advance chimes and chime/strobes are rich with
features guaranteed to cut installation times and maximize profits.
The SpectrAlert Advance Series of notification appliances is designed
to simplify your installations, with features such as plug-in designs,
instant feedback messages to ensure correct installation of individual
devices, and seven field-selectable candela settings for chime/
strobes.
More specifically, when installing SpectrAlert Advance products, first
attach a universal mounting plate to a four-inch square, four-inch
octagon, single-gang, or double-gang junction box. Then, connect
the notification appliance circuit wiring to the SEMS terminals on the
mounting plate.
Finally, attach the chime or chime/strobe to the mounting plate by
inserting the product’s tabs in the mounting plate’s grooves. The
device is rotated into position, locking the product’s pins into the
mounting plate’s terminals. The device will temporarily hold in place
with a catch until it is secured with a captive mounting screw.
SpectrAlert Advance products allow you to choose:
•12or24volts
•At24volts,15,15/75,30,75,95,110,or115candelabywayofrear-
mounted slide switch and front view window
•Selectchimetonesandvolumeusingasimplerotaryswitch
Selectable Output
Chimes and Chime/Strobes
SpectrAlert® Advance selectable-output chimes and
chime/strobes are rich with features guaranteed to cut
installation times and maximize profits.
MEA452-05-E
3023572
7125-1653:188 (chime/strobes)
7125-1653:189 (chimes)
S4011


Similar Part No. - CHW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHW1010 ETC2-CHW1010 Datasheet
208Kb / 2P
SP16T AoA / AoD Antenna Switch
2018
logo
CoreHW Semiconductor Lt...
CHW1010-ANT2-1.0 COREHW-CHW1010-ANT2-1.0 Datasheet
518Kb / 4P
CoreHW Gen3 PCB Product Brief V1.2
V1.2
CHW1010-ANT3-1.0 COREHW-CHW1010-ANT3-1.0 Datasheet
355Kb / 4P
CoreHW Gen3S PCB Product Brief V1.2
V1.2
CHW1010-EVKN2-1.0 COREHW-CHW1010-EVKN2-1.0 Datasheet
873Kb / 5P
Gen2 AoA Demo System Product Brief V1.0
V1.0
logo
Eaton All Rights Reserv...
CHW53197 EATON-CHW53197 Datasheet
955Kb / 4P
Safe and reliable conveyor belt control, always ready for action IEC AFU Conveyor Belt Trip Switch
April 2015
More results

Similar Description - CHW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
Chime and Chime Strobe
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
Selectable Output Outdoor Wall Speaker/Strobes
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
SELECTABLE OUTPUT STROBES AND HORNS
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
SERIES CH CHIME STROBES
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com