Electronic Components Datasheet Search
  English  ▼

X  

PSP1 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # PSP1
Description  Special Purpose Supervisory Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PSP1 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  PSP1 Datasheet HTML 1Page - Systemsensor advanced ideas. PSP1 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
PSP1 Plug-in
Special Purpose
Supervisory Switch
System Sensor’s PSP1 plug-in switch is a special
application supervisory switch designed for
applications where no other type of listed valve
supervisory switch can be used.
Features
Monitors non-rising stem gate and ball and angle valves
NEMA 3 rated enclosures
360° mounting design provides greater installation flexibility
Adjustable length supervisory cord
Lockout feature ensures alarm signal integrity
Cover tamper switch factory installed
Tamper-resistant cover screws
•
•
•
•
•
•
•
Application Flexibility. The PSP1 is to be used on non-rising stem
gate valves and ball and angle valves. The unit is approved for Class A
and Class B circuits.
Robust Construction. The PSP1 consists of a rugged rain tight metal
housing. With its NEMA 3 rated housing and water-resistant cord, the
PSP1 may be used in either indoor or outdoor applications.
Simplified Operation. The PSP1 features a 360° versatile mounting
design and an adjustable length cord which allow more freedom to
install the unit at the most desirable alignment angle.
Reliable Performance. The PSP1 employs a supervisory cord which,
when pulled out, closes a set of normally open contacts. A lockout
feature prevents reinsertion of the cord until the cover is removed,
and the unit is reset. Removal of the cover or cutting of the cord
results in an open circuit.
S739
CS169
0D5A3.AY
770-1653:170
29-04-E


Similar Part No. - PSP1

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PSP1045 PREMO-PSP1045 Datasheet
277Kb / 6P
SMD Power Inductors Shielded
PSP1045-1R4M PREMO-PSP1045-1R4M Datasheet
277Kb / 6P
SMD Power Inductors Shielded
PSP1045-2R2M PREMO-PSP1045-2R2M Datasheet
277Kb / 6P
SMD Power Inductors Shielded
PSP1045-3R2M PREMO-PSP1045-3R2M Datasheet
277Kb / 6P
SMD Power Inductors Shielded
PSP1045-R36N PREMO-PSP1045-R36N Datasheet
277Kb / 6P
SMD Power Inductors Shielded
More results

Similar Description - PSP1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
Special Purpose Fuses
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
Special Purpose Fuses
logo
Systemsensor advanced i...
OSY2 SYSTEMSENSOR-OSY2 Datasheet
163Kb / 2P
Supervisory Switch
PIBV2 SYSTEMSENSOR-PIBV2 Datasheet
154Kb / 2P
Supervisory Switch
logo
Omron Electronics LLC
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
Special-purpose Basic Switch
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
Special-Purpose Photoelectric Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com