Electronic Components Datasheet Search
  English  ▼

X  

SP201W Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SP201W
Description  Dual-Voltage Evacuation Speakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP201W Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SP201W Datasheet HTML 1Page - Systemsensor advanced ideas. SP201W Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System Sensor’s SP2 and SP3 series speakers combine performance, functional-
ity, and flexibility in the latest line of dual-voltage evacuation speakers.
Performance.
With its low total harmonic distortion, the SpectrAlert SP2 series
offers fidelity-quality sound output. This performance provides greater assur-
ances that the SP2’s output more closely matches the source signal. This fidelity
sound quality is achieved at any of the SP2’s four field selectable power taps:
1
⁄4, 1⁄2, 1, and 2 watts. The SpectrAlert SP3 series offers greater sound output at
every tap setting for applications with high ambient noise levels.
Functionality.
Installation ease and functionality are achieved via the speaker’s
compact design, which allows flush mounting to a 4˝×4˝×21⁄8˝ back box,
without the need for an extension ring.
Flexibility.
The SP2 and SP3 series speakers are designed for a variety of applica-
tion requirements. Offered with round and square grilles, they can be ceiling
or wall mounted. White and red grille color options are also available to meet
specific aesthetic requirements.
Fidelity sound quality (SP2)
Enhanced SPL (SP3)
25.0 and 70.7 Vrms dual voltage settings
Four field-selectable power taps
No extension ring required
Low profile design
Ceiling- and wall-mount applications
Grilles available in white and red
Color-matched mounting screws
Product Overview
Models Available
Ceiling Mount
Standard SPL
High SPL
SP200W
SP300W
Wall Mount
Standard SPL
High SPL
SP201R
SP301R
SP201W
SP301W
Ceiling/Wall Mount Application
Wall Mount Application
Engineering Specifications
Speaker shall be a System Sensor Model ________ dual-voltage transformer
speaker capable of operating at 25.0 or 70.7 nominal Vrms. Speaker shall be
listed to Underwriters Laboratories’ Standard 1480 for fire protective signaling
systems. Speaker shall have a frequency range of 400 to 4000 Hz and shall have
an operating temperature between 32°F and 120°F. Speaker shall have power
taps that are selected by shunts.
S4048
Dual-Voltage
Evacuation Speakers
A u d i b l e / V i s i b l e
N o t i f i c A t i o N


Similar Part No. - SP201W

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SP201W GAMEWELL-FCI-SP201W Datasheet
285Kb / 2P
Dual-Voltage Transformer Speakers
More results

Similar Description - SP201W

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
SP201K SYSTEMSENSOR-SP201K Datasheet
268Kb / 2P
SP201K Outdoor Dual Voltage Evacuation Speakers
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
Dual-Voltage Transformer Speakers
logo
LinkCom Manufacturing C...
FSM000100004-A1 LINKCOM-FSM000100004-A1 Datasheet
132Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-P3 LINKCOM-FSM000100005-P3 Datasheet
126Kb / 1P
LED EVACUATION SIGNS SERIES
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com