Electronic Components Datasheet Search
  English  ▼

X  

CD74AC163 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC163
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC163 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74AC163 Datasheet HTML 3Page - Texas Instruments CD74AC163 Datasheet HTML 4Page - Texas Instruments CD74AC163 Datasheet HTML 5Page - Texas Instruments CD74AC163 Datasheet HTML 6Page - Texas Instruments CD74AC163 Datasheet HTML 7Page - Texas Instruments CD74AC163 Datasheet HTML 8Page - Texas Instruments CD74AC163 Datasheet HTML 9Page - Texas Instruments CD74AC163 Datasheet HTML 10Page - Texas Instruments CD74AC163 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CD54AC163, CD74AC163
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS299 – APRIL 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
CD54AC163
CD74AC163
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
MAX
MIN
MAX
UNIT
1.5 V
7
8
fmax
3.3 V
± 0.3 V
64
73
MHz
5 V
± 0.5 V
90
103
1.5 V
–
209
–
190
RCO
3.3 V
± 0.3 V
6
23.4
6
21
CLK
5 V
± 0.5 V
4.3
16.7
4.3
15.2
CLK
1.5 V
–
207
–
188
tpd
Any Q
3.3 V
± 0.3 V
5.9
23.1
5.9
21
ns
5 V
± 0.5 V
4.2
16.5
4.2
15
1.5 V
–
129
–
117
ENT
RCO
3.3 V
± 0.3 V
3.6
14.4
3.7
13.1
5 V
± 0.5 V
2.6
10.3
2.7
9.4
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
66
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com