| Electronic Components Datasheet Search |
|
B110RLP Datasheet(PDF) 2 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
B110RLP Datasheet(HTML) 2 Page - Systemsensor advanced ideas. |
|
2 / 4 page ![]() D150-04-00 2 I56-596-03R Mounting This detector base mounts directly to 3-1/2- inch and 4- inch octagon boxes, and 4-inch square boxes (with or with- out plaster rings). To mount, remove decorative ring by turning it in either direction to unhook the snaps, then sep- arate the ring from the base. Install the base to the box using the screws supplied with the junction box and the appropriate mounting slots in the base. Place decorative ring onto base, then turn in either direction until the ring snaps in place (see Figure 1). Installation Guidelines All wiring must be installed in compliance with the National Electrical Code and the local codes having juris- diction. Proper wire gauges should be used. The conduc- tors used to connect smoke detectors to control panels and accessory devices should be color-coded to reduce the like- lihood of wiring errors. Improper connections can prevent a system from responding properly in the event of a fire. For signal wiring (the wiring between interconnected detectors), it is recommended that the wire be no smaller than 18 gauge (1.0 square mm). Wire sizes up to 12 gauge wire (2.5 square mm) may be used with the base. For best system performance, the power (+) and (–) loop wires should be twisted pair and installed in separate grounded conduit to protect the loop from extraneous electrical inter- ference. Smoke detectors and alarm system control panels have specifications for allowable loop resistance. Consult the control panel manufacturer’s specifications for the total loop resistance allowed for the particular model control panel being used before wiring the detector loops. For system supervision — For terminals 2, 3, and 5 do not use looped wire under terminals. Break wire run to provide system supervision of connections. Wire connections are made by simply stripping insulation from the end of the wire, sliding the bare end of the wire under the clamping plate, and tightening the clamping plate screw. Use the strip gauge molded into the base for ease of wiring to terminals 1 through 5. System Sensor smoke detectors and mounting bases are marked with a compatibility identifier located as the last digit of a five digit code stamped on the back of the prod- uct. Connect detectors/mounting bases only to compatible control units as indicated in System Sensor’s compatibility chart which contains a current list of UL listed control units and detector head/base combinations. A copy of this list is available from System Sensor upon request. CAUTION SNAP ON DECORATIVE RING SCREWS (NOT SUPPLIED) DETECTOR BASE BOX (NOT SUPPLIED) SHORTING SPRING A78-1175-01 The zone wiring of the detector base should be checked before the detector heads are installed in them. To make this possible, this base contains a special spring-type short- ing jumper. After a detector base is properly wired and mounted on an electrical box, make sure that the jumper spring is in contact with the base of Terminal 3. This tem- porary connection shorts the negative-in and negative-out leads and permits the wiring of the loop to be checked for continuity. Figure 1. Mounting base to box: |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |