Electronic Components Datasheet Search
  English  ▼

X  

MCH2805S/883 Datasheet(PDF) 14 Page - Crane Aerospace & Electronics.

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S/883 Datasheet(HTML) 14 Page - Crane Aerospace & Electronics.

Back Button MCH2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 17Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 18Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 14 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MGH SINGLE AND DUAL OUTPUT MODELS (CONT.)
SAFE OPERATING AREA
120
100
80
60
40
20
0
% OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
0
20
40
60
80
100 120 140
160
TRIP POINT
125%
FIGURE 32
Vin
–Vout
TURN-ON INTO FULL LOAD
05
10
15
20
25
30
35
40 45
TIME (ms)
MGH2815D
Also representative of MGH2812S & D and MGH2815S
+Vout
0 V for –Vout
0 V for +Vout
FIGURE 29
–5
–12
–15
4
-4
-2
0
2
90/10 70/30 50/50 30/70 10/90
OUTPUT LOAD (%)
DUAL
CROSS REGULATION
90% TO 10% LOAD ON +V
10% TO 90% LOAD ON –V
+5
+12
+15
FIGURE 30
FIGURE 31
20
4
-4
-2
0
2
10
30
40
50
OUTPUT LOAD (%)
DUAL
±5
±12
±15
CROSS REGULATION
50% LOAD +V; 50% TO 10% LOAD –V
AND
50% LOAD –V; 50% TO 10% LOAD +V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com