Electronic Components Datasheet Search
  English  ▼

X  

MHD2805DF Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MHD2805DF
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805DF Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MHD2805DF Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805DF Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 V
Output Power
• 15 to 20 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
B2-48
MHD SERIES
20 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 50 pF typical
Current Limit
• 115% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency
• Free run mode 625 kHz typical
550 kHz. min, 650 kHz max
• External sync range 500 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• 9 to 11 V
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for up to 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C Full power
• –55°C to +135°C Absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135° C
Sync (500 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max, 0.0 V min
• Logic high 4.0 V min, 10 V max
• Referenced to input common
• If not used, connect to input common
Inhibit: TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V
Inhibit pin current 8.0 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
SINGLE OUTPUT MODELS
MHD2805S
MHD2812S
MHD2815S
MHD2818S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
17.82 18.00 18.18
VDC
OUTPUT CURRENT1
VIN = 16 to 40 VDC
0
—
3
0
—
1.67
0
—
1.33
0
—
1.11
A
OUTPUT POWER1
VIN = 16 to 40 VDC
0
—
15
0
—
20
0
—
20
0
—
20
W
OUTPUT RIPPLE
10 kHz – 2 MHz
—
35
50
—
25
40
—
25
40
—
—
40
mV p
VOLTAGE
Tc = –55°C TO +125°C
—
50
90
—
40
90
—
40
90
—
—
90
LINE REGULATION2
Vin = 16 to 40 VDC
—
10
50
—
10
50
—
10
50
—
—
50
mV
Tc = –55°C TO +125°C
—
15
50
—
15
50
—
15
50
—
—
50
LOAD REGULATION
NO LOAD TO FULL
—
5
50
—
5
50
—
5
50
—
—
50
mV
Tc = –55°C TO +125°C
—
15
50
—
15
50
—
15
50
—
—
50
INPUT VOLTAGE1
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD1
—
35
75
—
35
75
—
35
75
—
—
75
mA
FULL LOAD
—
0.70
—
—
0.87
—
—
0.85
—
—
—
—
A
INHIBITED1
—7
8
—
7
8
—
7
8
—
—
8
mA
INPUT RIPPLE
10 kHz – 10 MHz
CURRENT
Tc = –55°C TO +125°C
—
20
50
—
20
50
—
20
50
—
—
50
mA p-p
EFFICIENCY
76
78
—
80
83
—
81
84
—
81
—
—
%
LOAD FAULT3
SHORT CIRCUIT
SHORT CIRCUIT TO
POWER DISSIPATION
—
—
10
—
—
10
—
—
10
—
—
10
A
FULL LOAD
RECOVERY1, 3
—
1.4
5
—
1.4
5
—
1.4
5
—
—
5
ms
STEP LOAD RESP.
50% – 100% – 50%
—
±200 ±300
—
±250 ±400
—
±350 ±500
—
—
±600
TRANSIENT
10% – 100%
—
–400 –600
—
–600 –1000
—
–800 –1200
—
—
—
mV pk
100% – 10%
—
+350 +600
—
+500 +750
—
+600 +1000
—
—
—
50% – 100% – 50%
—
60
200
—
60
200
—
60
200
—
—
200
RECOVERY4
10% – 100%
—
60
600
—
150
300
—
250
500
—
—
—
µs
100% – 10%
—
200
600
—
250
500
—
250
500
—
—
—
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT5
—
±200 ±300
—
±400 ±500
—
±500 ±600
—
—
±600
mV pk
RECOVERY4
—
—
300
—
—
300
—
—
300
—
—
300
µs
START-UP1
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
—
—
5
ms
OVERSHOOT
FULL LOAD
—
0
50
—
0
120
—
0
150
—
—
180
mV pk
NO LOAD
—
50
250
—
120
600
—
150
750
—
—
—
Electrical Characteristics:25C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Tc = –55°C to +125°C
2. Operation is limited below 16V (see Figure 15).
3. Indefinite short circuit protection not guaranteed above 125°C case.
4. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
5. Transition time
≥ 10 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com