Electronic Components Datasheet Search
  English  ▼

X  

MHD2815DF Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHD2815DF
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2815DF Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHD2815DF Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2815DF Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B2-51
MHD SERIES
20 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 5
FIGURE 6
60
85
80
75
70
65
510
15
16V
40V
28V
Output Power (Watts)
MHD2805S Efficiency
FIGURE 2
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
Output Power (Watts)
MHD2812S Efficiency
FIGURE 3
FIGURE 4
FIGURE 8
FIGURE 9
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
Output Power (Watts)
MHD2815S Efficiency
60
85
80
75
70
65
510
15
40V
16V
Output Power (Watts)
MHD2812D Efficiency
28V
65
90
85
80
75
70
510
15
40V
28V
16V
Output Power (Watts)
MHD2815D Efficiency
0
20
40
60
80
100
0.1
1
10
100
Frequency (kHz)
MHD Series Audio Rejection
15 W to 7.5 W
7.5 W to 15 W
50
µs/div
50% to 100% to 50%
MHD2805S Step Load Response
15 W to 1.5 W
1.5 W to 15 W
50
µs/div
10% to 100% to 10%
MHD2805S Step Load Response
FIGURE 7
FIGURE 10
50
µs/div
(16 TO 40V)
MHD2805S Step Line Response
Vin
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com