Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4538 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4538
Description  High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4538 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC4538 Datasheet HTML 3Page - Texas Instruments CD54HC4538 Datasheet HTML 4Page - Texas Instruments CD54HC4538 Datasheet HTML 5Page - Texas Instruments CD54HC4538 Datasheet HTML 6Page - Texas Instruments CD54HC4538 Datasheet HTML 7Page - Texas Instruments CD54HC4538 Datasheet HTML 8Page - Texas Instruments CD54HC4538 Datasheet HTML 9Page - Texas Instruments CD54HC4538 Datasheet HTML 10Page - Texas Instruments CD54HC4538 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
R to QtPLH
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Output Pulse Width
RX = 10k, CX = 0.1µF
τ
CL = 50pF
5
0.63
-
0.77
0.602
0.798
0.595
0.805
ms
Output Pulse Width Match,
Same Package
--
-
-
±1-
-
-
-
-
%
Power Dissipation Capacitance
CPD
CL = 15pF
5
-
134
-
-
-
-
-
pF
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
NOTES:
10. CPD is used to determine the dynamic power consumption, per one shot.
11. PD =(CPD +CX)VCC
2 f
i ∑(CL VCC
2 f
O) where fi = input frequency, fO = output frequency, CL = output load capacitance,
CX = external capacitance VCC = supply voltage assuming fi «
Switching Specifications CL = 50pF, Input tr, tf = 6ns, RX = 10KΩ, CX = 0 (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
I
τ
--
Test Circuits and Waveforms
FIGURE 6. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 7. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC4538, CD74HC4538, CD74HCT4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com