Electronic Components Datasheet Search
  English  ▼

X  

SPI180LE Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI180LE
Description  180 Watts Flex ATX Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI180LE Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI180LE Datasheet HTML 1Page - Sparkle Power Inc. SPI180LE Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 4A (RMS) @ 115Vac, 2A (RMS) @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
• Temperature Range: Operating: 0°C ~ +50°C; storage &
shipping: -20°C ~ +80°C
• Humidity: 85% on operating, 95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
1 second
• Efficiency: 68% at minimum measured at nominal AC main
voltage and frequency with maximum load on all output
• Rise time: Less than 20ms
• Hold-up Time: 17ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA at 264Vac, 50Hz
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH):150x81.5x40.5mm /6x3.2x1.6inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.3A
7A
14A
± 5%
± 1%
50mV P-P
+5V
0.3A
8A
16A
± 5%
± 1%
50mV P-P
+12V
1.5A
7A
14A
± 5%
± 1%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
± 1%
120mV P-P
+5Vsb
0.0A
1.0A
2.0A
± 5%
± 1%
50mV P-P
*+3.3V and +5V total output not exceed 90W
* Total output for this subject power supply is 180W
SPI180LE
(Active PFC, RoHS Compliant)
180 Watts Flex ATX Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645
Features
• Complied with Flex ATX and ATX12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
• Approved by CUL/UL60950-1, TUV EN60950-1 , NEMKO
EN60950-1 (CB Report) CE


Similar Part No. - SPI180LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI1000GCM SPI-SPI1000GCM Datasheet
599Kb / 2P
1000 Watts ATX12V and EPS12V Switching Power Supply
logo
Infineon Technologies A...
SPI100N03S2-03 INFINEON-SPI100N03S2-03 Datasheet
416Kb / 8P
OptiMOS Power-Transistor
2003-05-09
SPI100N03S2L-03 INFINEON-SPI100N03S2L-03 Datasheet
417Kb / 8P
OptiMOS Power-Transistor
2003-05-09
logo
ZIEHL industrie-elektro...
SPI1021 ZIEHL-SPI1021 Datasheet
448Kb / 2P
Voltage- and Frequency-Relay SPI1021
logo
Infineon Technologies A...
SPI10N10 INFINEON-SPI10N10 Datasheet
787Kb / 8P
SIPMOS Power-Transistor
2002-01-31
More results

Similar Description - SPI180LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP100-50PL1 SPI-FSP100-50PL1 Datasheet
71Kb / 1P
100 Watts Flex ATX Switching Power Supply
FSP150-50PL SPI-FSP150-50PL Datasheet
70Kb / 1P
150 Watts Flex ATX Switching Power Supply
FSP150-50PL1 SPI-FSP150-50PL1 Datasheet
71Kb / 1P
150 Watts Flex ATX Switching Power Supply
FSP250-50GUB85 SPI-FSP250-50GUB85 Datasheet
40Kb / 1P
180 Watts Flex ATX Swithcing Power Supply
SPI400F4BG SPI-SPI400F4BG Datasheet
37Kb / 1P
400 Watts Flex ATX Switching Power Supply
FSP100-50LG SPI-FSP100-50LG Datasheet
37Kb / 1P
100 Watts Flex ATX Switching Power Supply
FSP150-50LH SPI-FSP150-50LH Datasheet
35Kb / 1P
180 Watts Flex ATX Switching Power Supply
FSP200-50LG SPI-FSP200-50LG Datasheet
37Kb / 1P
200 Watts Flex ATX Switching Power Supply
FSP220-50LH SPI-FSP220-50LH Datasheet
35Kb / 1P
220 Watts Flex ATX Switching Power Supply
FSP350-70LQ SPI-FSP350-70LQ Datasheet
37Kb / 1P
350 Watts Flex ATX Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com